Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GW2E101MR Datasheet(PDF) 2 Page - DB Lectro Inc

Part # GW2E101MR
Description  ALUMINIUM ELECTROLYTIC CAPACITOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

GW2E101MR Datasheet(HTML) 2 Page - DB Lectro Inc

  GW2E101MR Datasheet HTML 1Page - DB Lectro Inc GW2E101MR Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIMENSIONS
D x L (mm)
PERMISSIBLE RIPPLE CURRENT
mA (rms) at 120Hz 105°C
30
20
20
27
37
26
23
]
14
13
]
14
16
19
6
]
12
]
3
0.47
]
5
]
2
35
50
]
1
6.3 x 5
6.3 x 5
5 x 5
5 x 5
6.3 x 5
6.3 x 5
5 x 5
5 x 5
6.3 x 5
5 x 5
4 x 5
4 x 5
5 x 5
6.3 x 5
5 x 5
5 x 5
6.3 x 5
6.3 x 5
4 x 5
]
5 x 5
]
]
4 x 5
]
4 x 5
4 x 5
4 x 5
5 x 5
4 x 5
]
4 x 5
]
]
3 x 5
]
3 x 5
3 x 5
]
0.47
0.33
0.22
16
25
3.3
6.3
10
0.33
WV
uF
4
35
4 x 5
25
6.3
10
16
0.1
1
50
100
47
33
22
10
3.3
2.2
4 x 5
4.7
6.3 x 5
10
0.1
0.22
]
WV
uF
4.7
10
17
]
1
2.2
4
22
31
44
33
35
46
29
30
40
47
48
33
38
50
100
63
57
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - GW2E101MR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GW20NB60HD STMICROELECTRONICS-GW20NB60HD Datasheet
90Kb / 8P
   N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
GW20NC60V STMICROELECTRONICS-GW20NC60V Datasheet
469Kb / 20P
   30 A - 600 V - very fast IGBT
Rev 6 June 2015
GW20NC60VD STMICROELECTRONICS-GW20NC60VD Datasheet
303Kb / 11P
   N-CHANNEL 30A - 600V TO-247 Very Fast PowerMESH IGBT
GW20V60DF STMICROELECTRONICS-GW20V60DF Datasheet
2Mb / 23P
   Low thermal resistance
June 2013 Rev 3
logo
Nihon Kaiheiki Industry...
GW22LBH NKK-GW22LBH Datasheet
147Kb / 4P
   Ultra-Thin Rockers
More results

Similar Description - GW2E101MR

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
HR1A100KC DBLECTRO-HR1A100KC Datasheet
246Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
ZS1A100KC DBLECTRO-ZS1A100KC Datasheet
203Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
SR1A100KC DBLECTRO-SR1A100KC Datasheet
200Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
SM1A100KC DBLECTRO-SM1A100KC Datasheet
197Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1AM101I ETC2-ECA-1AM101I Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
HL1A100KC DBLECTRO-HL1A100KC Datasheet
196Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1EM221B ETC2-ECA-1EM221B Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
SS1A100KC DBLECTRO-SS1A100KC Datasheet
202Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1EM100I ETC2-ECA-1EM100I Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
JZX-18FF DBLECTRO-JZX-18FF Datasheet
717Kb / 3P
   RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com