Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2A221MR Datasheet(PDF) 4 Page - DB Lectro Inc

Part # SC2A221MR
Description  CHIP TYPE, LOW LEAKAGE CURRENT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

SC2A221MR Datasheet(HTML) 4 Page - DB Lectro Inc

  SC2A221MR Datasheet HTML 1Page - DB Lectro Inc SC2A221MR Datasheet HTML 2Page - DB Lectro Inc SC2A221MR Datasheet HTML 3Page - DB Lectro Inc SC2A221MR Datasheet HTML 4Page - DB Lectro Inc SC2A221MR Datasheet HTML 5Page - DB Lectro Inc SC2A221MR Datasheet HTML 6Page - DB Lectro Inc SC2A221MR Datasheet HTML 7Page - DB Lectro Inc SC2A221MR Datasheet HTML 8Page - DB Lectro Inc SC2A221MR Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CORRESPONDING TO RoHS DIRECTIVE
Aluminum electrolytic
capacitors
Chip type
Radial lead type
Snap-in type
RoHS compliant
Yes
Yes
Yes
RoHS
restricted
substances
Most concerns
on terminals
Plating on
terminals
Change plating from Sn-Pb to
Sn
Change plating from Sn-Pb to
Sn
Change plating from Sn-Pb to
Sn
Construction of
terminals
Fe/Cu/Sn
Fe/Cu/Sn
Fe/Cu/Sn
Plating
characters
Plating thickness 12 m
Plating type matte
No heat treatment after plating
Plating thickness 12 m
Plating type matte
No heat treatment after plating
Plating thickness 10 m
Plating type matte
No heat treatment after plating
Insulating
sleeve
No used
Replace PVC with PET
(where customer designated)
Replace PVC with PET
(where customer designated)
Resistance to
soldering heat
Please see "Lead Free Reflow
Soldering Condition" for chip
type aluminum electrolytic
capacitors
No change
No change
Solderability
No difference with Sn-Pb
No difference with Sn-Pb
No difference with Sn-Pb
Tensile strength
No difference with Sn-Pb
No difference with Sn-Pb
No difference with Sn-Pb
Pb
Whisker
No difference with Sn-Pb
Room storage test: 20~25 C,
30~80%RH, 4000hrs.
Aging test: 60 5 C, 93
+2/-3%RH, 4000hrs.
Thermal cycle test: -55
+0/-10 C to 85 +10/-0 C, 3
cycles/hour, 1000 cycles
No difference with Sn-Pb
Room storage test: 20~25 C,
30~80%RH, 4000hrs.
Aging test: 60 5 C, 93
+2/-3%RH, 4000hrs.
Thermal cycle test: -55
+0/-10 C to 85 +10/-0 C, 3
cycles/hour, 1000 cycles
Whisker is not observed
Room storage test: 20~25 C,
30~80%RH, 4000hrs.
Aging test: 60 5 C, 93
+2/-3%RH, 4000hrs.
Thermal cycle test: -55
+0/-10 C to 85 +10/-0 C, 3
cycles/hour, 1000 cycles
Cr
6+
Plating material
< 2ppm
< 2ppm
< 2ppm
Hg
< 2ppm
< 2ppm
< 2ppm
Cd
< 2ppm
< 2ppm
< 2ppm
PBB
Not detected
Not detected
Not detected
PBDE
Not detected
Not detected
Not detected
Identification for RoHS
compliance products
Add "Pb free" or "RoHS"
marking on inner and outer
carton label (where customer
designated)
Add "Pb free" or "RoHS"
marking on inner and outer
carton label (where customer
designated)
Add "Pb free" or "RoHS"
marking on inner and outer
carton label (where customer
designated)
MSL Level
(IPC/JEDEC J-STD-020C)
Not available
No need for dry package
Not available
No need for dry package
Not available
No need for dry package
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - SC2A221MR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC2A ETC2-SC2A Datasheet
272Kb / 1P
   formerscontrol products
logo
Bel Fuse Inc.
SC2AAEE001FF BEL-SC2AAEE001FF Datasheet
5Mb / 26P
   POWER CORD 5-15P TO BARE 1M BLK
SC2AAEE001FM BEL-SC2AAEE001FM Datasheet
5Mb / 26P
   POWER CORD 5-15P TO BARE 1M BLK
SC2AAEE003FF BEL-SC2AAEE003FF Datasheet
5Mb / 26P
   POWER CORD 5-15P TO BARE 1M BLK
SC2AAEE003FM BEL-SC2AAEE003FM Datasheet
5Mb / 26P
   POWER CORD 5-15P TO BARE 1M BLK
More results

Similar Description - SC2A221MR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH2R06-Y STMICROELECTRONICS-STTH2R06-Y Datasheet
232Kb / 8P
   Low leakage current
August 2014 Rev 1
logo
Cornell Dubilier Electr...
HZC CDE-HZC Datasheet
825Kb / 8P
   Low Leakage Current
logo
American Microsemicondu...
1N34A AMMSEMI-1N34A Datasheet
179Kb / 1P
   Low Leakage Current
logo
DIOTEC Electronics Corp...
DL4001 DEC-DL4001 Datasheet
947Kb / 2P
   Low leakage current
logo
Vishay Siliconix
VS-ETL1506-M3 VISHAY-VS-ETL1506-M3 Datasheet
218Kb / 9P
   Low leakage current
Revision: 08-Jul-15
logo
TT Electronics.
QDN006 TTELEC-QDN006 Datasheet
308Kb / 3P
   Low leakage current
logo
Vishay Siliconix
VS-ETU1506-M3 VISHAY-VS-ETU1506-M3 Datasheet
183Kb / 8P
   Low leakage current
Revision: 08-Jul-15
logo
Inchange Semiconductor ...
20N50 ISC-20N50 Datasheet
146Kb / 2P
   Low leakage current
logo
TE Connectivity Ltd
EBP TEC-EBP Datasheet
177Kb / 3P
   Low leakage current
logo
Shanghai Semitech Semic...
ZY3.6 SEMITECH-ZY3.6 Datasheet
48Kb / 2P
   Low leakage current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com