Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS1A220KT Datasheet(PDF) 4 Page - DB Lectro Inc

Part # CS1A220KT
Description  CHIP TYPE, STANDARD
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

CS1A220KT Datasheet(HTML) 4 Page - DB Lectro Inc

  CS1A220KT Datasheet HTML 1Page - DB Lectro Inc CS1A220KT Datasheet HTML 2Page - DB Lectro Inc CS1A220KT Datasheet HTML 3Page - DB Lectro Inc CS1A220KT Datasheet HTML 4Page - DB Lectro Inc CS1A220KT Datasheet HTML 5Page - DB Lectro Inc CS1A220KT Datasheet HTML 6Page - DB Lectro Inc CS1A220KT Datasheet HTML 7Page - DB Lectro Inc CS1A220KT Datasheet HTML 8Page - DB Lectro Inc CS1A220KT Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CORRESPONDING TO RoHS DIRECTIVE
Aluminum electrolytic
capacitors
Chip type
Radial lead type
Snap-in type
RoHS compliant
Yes
Yes
Yes
RoHS
restricted
substances
Most concerns
on terminals
Plating on
terminals
Change plating from Sn-Pb to
Sn
Change plating from Sn-Pb to
Sn
Change plating from Sn-Pb to
Sn
Construction of
terminals
Fe/Cu/Sn
Fe/Cu/Sn
Fe/Cu/Sn
Plating
characters
Plating thickness 12 m
Plating type matte
No heat treatment after plating
Plating thickness 12 m
Plating type matte
No heat treatment after plating
Plating thickness 10 m
Plating type matte
No heat treatment after plating
Insulating
sleeve
No used
Replace PVC with PET
(where customer designated)
Replace PVC with PET
(where customer designated)
Resistance to
soldering heat
Please see "Lead Free Reflow
Soldering Condition" for chip
type aluminum electrolytic
capacitors
No change
No change
Solderability
No difference with Sn-Pb
No difference with Sn-Pb
No difference with Sn-Pb
Tensile strength
No difference with Sn-Pb
No difference with Sn-Pb
No difference with Sn-Pb
Pb
Whisker
No difference with Sn-Pb
Room storage test: 20~25 C,
30~80%RH, 4000hrs.
Aging test: 60 5 C, 93
+2/-3%RH, 4000hrs.
Thermal cycle test: -55
+0/-10 C to 85 +10/-0 C, 3
cycles/hour, 1000 cycles
No difference with Sn-Pb
Room storage test: 20~25 C,
30~80%RH, 4000hrs.
Aging test: 60 5 C, 93
+2/-3%RH, 4000hrs.
Thermal cycle test: -55
+0/-10 C to 85 +10/-0 C, 3
cycles/hour, 1000 cycles
Whisker is not observed
Room storage test: 20~25 C,
30~80%RH, 4000hrs.
Aging test: 60 5 C, 93
+2/-3%RH, 4000hrs.
Thermal cycle test: -55
+0/-10 C to 85 +10/-0 C, 3
cycles/hour, 1000 cycles
Cr
6+
Plating material
< 2ppm
< 2ppm
< 2ppm
Hg
< 2ppm
< 2ppm
< 2ppm
Cd
< 2ppm
< 2ppm
< 2ppm
PBB
Not detected
Not detected
Not detected
PBDE
Not detected
Not detected
Not detected
Identification for RoHS
compliance products
Add "Pb free" or "RoHS"
marking on inner and outer
carton label (where customer
designated)
Add "Pb free" or "RoHS"
marking on inner and outer
carton label (where customer
designated)
Add "Pb free" or "RoHS"
marking on inner and outer
carton label (where customer
designated)
MSL Level
(IPC/JEDEC J-STD-020C)
Not available
No need for dry package
Not available
No need for dry package
Not available
No need for dry package
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - CS1A220KT

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CS1 COOPER-CS1 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
List of Unclassifed Man...
CS1 ETC2-CS1 Datasheet
63Kb / 1P
   Style CS1 and Style CW
logo
Fujitsu Component Limit...
CS1 FUJITSU-CS1 Datasheet
563Kb / 56P
   2ch DC/DC converter IC with PFM/ PWM synchronous rectification
logo
List of Unclassifed Man...
CS10 ETC1-CS10 Datasheet
124Kb / 2P
   CS10
CS10 ETC2-CS10 Datasheet
794Kb / 1P
   AT-CUT CRYSTAL UNIT
More results

Similar Description - CS1A220KT

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
PCF NICHICON-PCF Datasheet
1Mb / 3P
   Chip Type, Standard
logo
Rohm
SML-A10 ROHM-SML-A10 Datasheet
314Kb / 3P
   Standard Type Side view chip LEDs
SML-810 ROHM-SML-810 Datasheet
163Kb / 3P
   Standard Type Back-fire chip LEDs
SML-310DTT86 ROHM-SML-310DTT86 Datasheet
424Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-010YTT86 ROHM-SML-010YTT86 Datasheet
367Kb / 4P
   Standard Type Chip LEDs with reflector
SML-210 ROHM-SML-210 Datasheet
653Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-310 ROHM-SML-310 Datasheet
418Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-010 ROHM-SML-010 Datasheet
363Kb / 3P
   Standard Type Chip LEDs with reflector
SML-410 ROHM-SML-410 Datasheet
143Kb / 3P
   Standard Type Mini-molded chip LEDs
logo
Kemet Corporation
Z0201C601ASMST KEMET-Z0201C601ASMST Datasheet
185Kb / 1P
   Multilayer Ferrite Chip Beads Standard Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com