Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS1A220KT Datasheet(PDF) 7 Page - DB Lectro Inc

Part # CS1A220KT
Description  CHIP TYPE, STANDARD
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

CS1A220KT Datasheet(HTML) 7 Page - DB Lectro Inc

Back Button CS1A220KT Datasheet HTML 3Page - DB Lectro Inc CS1A220KT Datasheet HTML 4Page - DB Lectro Inc CS1A220KT Datasheet HTML 5Page - DB Lectro Inc CS1A220KT Datasheet HTML 6Page - DB Lectro Inc CS1A220KT Datasheet HTML 7Page - DB Lectro Inc CS1A220KT Datasheet HTML 8Page - DB Lectro Inc CS1A220KT Datasheet HTML 9Page - DB Lectro Inc CS1A220KT Datasheet HTML 10Page - DB Lectro Inc CS1A220KT Datasheet HTML 11Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
GENERAL INFORMATION FOR APPLICATION
The following precautions must be observed when using electrolytic capacitors.
1. Circuit Design
1) Please make sure that the environmental and mounting conditions to which the capacitor to be
exposed are within the conditions specified in this catalogue.
2) Operating temperature and applied ripple must be within the specifications.
3) Appropriate capacitors, which comply with the life requirement of the products, should be selected
when designing the circuit.
4) Aluminum electrolytic capacitors are polarized. Do not apply reserve voltage or AC voltage. Please
use non-polarized capacitors for a circuit that can possibly see reserved polarity.
Note: Non-polarizes capacitors cannot be used for AC voltage application.
5) Do not use aluminum electrolytic capacitors in a circuit that requires rapid and very frequent charge
or discharge. In this type of circuit, it is necessary to use special design capacitors with extended life
characteristics.
6) Do not apply excess voltage.
Pleased pay attention so that the peak voltage, which is DC voltage overlapped by ripple current,
should not exceed the rated voltage.
In the case where more than two aluminum electrolytic capacitors are used in series, please
make sure that applied voltage should be lower than rated voltage should be applied to each
capacitor equally using a balancing resistor in parallel with the capacitor.
7) Outer sleeved of the capacitor is not guarantee as an electrical insulator. Do not use standard sleeve
on a capacitor in applications that require electrical insulation. When the application requires special
insulation, please contact our sales office for details.
8) Capacitors must not be used under following conditions:
(a) Capacitors must not be exposed to water (including condensation), brine or oil.
(b) Ambient conditions that include toxic gases such as hydrogen sulfide, sulfurous acid, nitrous
acid, chlorine, ammonium, etc.
(c) Ambient conditions that expose the capacitor to ozone, ultraviolet ray and radiation.
Severe vibration and physical shock conditions that exceed our specification.
Vibration test condition:
Vibration frequency range: 10~55~10Hz
Sweet rate
: 10~55~10Hz per minute
Sweet method
: logarithmic
Amplitude or acceleration: 1.5 (max. acceleration is 10G)
Direction of vibration
Testing time
: 2 hours per each direction
Shock is not applicable normally.
If a particular condition is required, please contact our sales office.
: X, Y, Z direction
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - CS1A220KT

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CS1 COOPER-CS1 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
List of Unclassifed Man...
CS1 ETC2-CS1 Datasheet
63Kb / 1P
   Style CS1 and Style CW
logo
Fujitsu Component Limit...
CS1 FUJITSU-CS1 Datasheet
563Kb / 56P
   2ch DC/DC converter IC with PFM/ PWM synchronous rectification
logo
List of Unclassifed Man...
CS10 ETC1-CS10 Datasheet
124Kb / 2P
   CS10
CS10 ETC2-CS10 Datasheet
794Kb / 1P
   AT-CUT CRYSTAL UNIT
More results

Similar Description - CS1A220KT

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
PCF NICHICON-PCF Datasheet
1Mb / 3P
   Chip Type, Standard
logo
Rohm
SML-A10 ROHM-SML-A10 Datasheet
314Kb / 3P
   Standard Type Side view chip LEDs
SML-810 ROHM-SML-810 Datasheet
163Kb / 3P
   Standard Type Back-fire chip LEDs
SML-310DTT86 ROHM-SML-310DTT86 Datasheet
424Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-010YTT86 ROHM-SML-010YTT86 Datasheet
367Kb / 4P
   Standard Type Chip LEDs with reflector
SML-210 ROHM-SML-210 Datasheet
653Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-310 ROHM-SML-310 Datasheet
418Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-010 ROHM-SML-010 Datasheet
363Kb / 3P
   Standard Type Chip LEDs with reflector
SML-410 ROHM-SML-410 Datasheet
143Kb / 3P
   Standard Type Mini-molded chip LEDs
logo
Kemet Corporation
Z0201C601ASMST KEMET-Z0201C601ASMST Datasheet
185Kb / 1P
   Multilayer Ferrite Chip Beads Standard Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com