Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1C100KT Datasheet(PDF) 2 Page - DB Lectro Inc

Part # SM1C100KT
Description  ALUMINIUM ELECTROLYTIC CAPACITOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

SM1C100KT Datasheet(HTML) 2 Page - DB Lectro Inc

  SM1C100KT Datasheet HTML 1Page - DB Lectro Inc SM1C100KT Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIMENSIONS
D x L (mm)
WV
uF
]
5 x 9
]
5 x 9
8 x 9
10 x 9
]
5 x 9
8 x 9
10 x 9
10 x 9
]
5 x 9
8 x 9
8 x 9
8 x 9
10 x 9
10 x 9
]
5 x 9
10 x 9
10 x 9
10 x 9
13 x 13 13 x 13 16 x 16
]
5 x 9
13 x 16 13 x 16 13 x 16 16 x 20
5 x 9
6.3 x 9
13 x 16 13 x 16 16 x 16 16 x 20 16 x 20 18 x 20
]
5 x 9
]
6.3 x 9
13 x 16 16 x 16 16 x 20 18 x 20 18 x 20 18 x 25
]
5 x 9
]
6.3 x 9
8 x 9
10 x 9
16 x 20 16 x 20 18 x 20
5 x 9
6.3 x 9
8 x 9
]
10 x 9
18 x 25
6.3 x 9
]
8 x 9
10 x 9
13 x 13
]
8 x 9
10 x 9
]
13 x 13 16 x 16
10 x 9
10 x 9
13 x 13 13 x 16 16 x 16 18 x 20
]
13 x 16 16 x 16 18 x 16 18 x 20
]
16 x 16 18 x 16 18 x 20
16 x 16 18 x 16 18 x 20 18 x 25
18 x 16 18 x 20 18 x 25
18 x 20 18 x 25
PERMISSIBLE RIPPLE CURRENT
mA (rms) at 120Hz 85°C
WV
uF
]
13
]
26
34
35
]
31
35
38
37
]
37
49
49
49
47
47
]
63
83
83
83
98
98
74
]
84
154
148
148
168
89
107
175
175
228
235
235
226
]
100
]
128
220
255
275
310
310
250
]
126
]
163
209
233
395
402
420
190
207
276
]
318
602
235
]
337
361
498
]
366
390
]
556
708
479
520
679
788
960
1102
]
922
1102
1292
1482
]
1245
1387
1634
1340
1482
1682
1967
1577
1777
1996
1920
2252
330
4700
6800
10000
470
1000
2200
3300
33
47
100
220
16
25
10
22
6.3
10
4.7
1
2.2
3.3
35
50
160
200
160
35
200
450
250
350
50
450
400
350
250
400
1
16
25
6.3
10
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1000
10000
2200
3300
4700
6800
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - SM1C100KT

ManufacturerPart #DatasheetDescription
logo
Sinopower Semiconductor...
SM1C01NSF SINOPWER-SM1C01NSF Datasheet
253Kb / 10P
   N-Channel Enhancement Mode MOSFET
logo
SHENZHEN DOINGTER SEMIC...
SM1C01NSF DOINGTER-SM1C01NSF Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced SGT technology
logo
Sinopower Semiconductor...
SM1C01NSFC-TUG SINOPWER-SM1C01NSFC-TUG Datasheet
253Kb / 10P
   N-Channel Enhancement Mode MOSFET
SM1C01NSFP SINOPWER-SM1C01NSFP Datasheet
156Kb / 10P
   N-Channel Enhancement Mode MOSFET
SM1C01NSFPC-TUG SINOPWER-SM1C01NSFPC-TUG Datasheet
156Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - SM1C100KT

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
HR1A100KC DBLECTRO-HR1A100KC Datasheet
246Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
ZS1A100KC DBLECTRO-ZS1A100KC Datasheet
203Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
GW1A100KC DBLECTRO-GW1A100KC Datasheet
202Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
SR1A100KC DBLECTRO-SR1A100KC Datasheet
200Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1AM101I ETC2-ECA-1AM101I Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
HL1A100KC DBLECTRO-HL1A100KC Datasheet
196Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1EM221B ETC2-ECA-1EM221B Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
SS1A100KC DBLECTRO-SS1A100KC Datasheet
202Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1EM100I ETC2-ECA-1EM100I Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
JZX-18FF DBLECTRO-JZX-18FF Datasheet
717Kb / 3P
   RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com