Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1C100KT Datasheet(PDF) 10 Page - DB Lectro Inc

Part # SC1C100KT
Description  CHIP TYPE, LOW LEAKAGE CURRENT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

SC1C100KT Datasheet(HTML) 10 Page - DB Lectro Inc

Back Button SC1C100KT Datasheet HTML 5Page - DB Lectro Inc SC1C100KT Datasheet HTML 6Page - DB Lectro Inc SC1C100KT Datasheet HTML 7Page - DB Lectro Inc SC1C100KT Datasheet HTML 8Page - DB Lectro Inc SC1C100KT Datasheet HTML 9Page - DB Lectro Inc SC1C100KT Datasheet HTML 10Page - DB Lectro Inc SC1C100KT Datasheet HTML 11Page - DB Lectro Inc SC1C100KT Datasheet HTML 12Page - DB Lectro Inc SC1C100KT Datasheet HTML 13Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LEAD FREE REFLOW SOLDERING CONDITION
(Applicable to Chip Type Aluminum Electrolytic Capacitors)
Recommended Conditions for Reflow Soldering
(1) A thermal condition system such as infrared radiation (IR) or hot blast should be adopted, and
vapor heat transfer systems (VPS) are not recommended.
(2) Reflow soldering should be performed one time. If the capacitor has to be reflowed twice, 30
minutes must be layout between each time.
(3) For lead-free type reflow soldering, please observe proper conditions below:
a) The time of preheating from 150°C to 200°C shall be within maximum 180 seconds;
b) The time of soldering temperature at 217°C measured on capacitors' top shall not exceed
tL (second);
c) The peak temperature on capacitors' top shall not exceed Tp(°C), and the time within 5°C
of actual peak temperature shall not exceed tp (second).
Classification Reflow Profile
*1. Average ramp-up rate is 3
/second max.
*2. Ramp-down rate is 6
/second max.
*3. Time from 25
to peak temperature is 8 minutes max.
tp
20 0
25
21 7
Tp
15 0
t L
25 t o Peak * 3
Ramp-down
Ramp-up *1
*2
P reheat 180 s ec Max
Ti m e
Critical Zone
217t oTp
Allowable Range of Peak Temperature
Size
Thickness (mm)
Volume (mm
3)
Tp(°C)
tL (second)
tp (second)
4~ 6.3,
8 6.2L
2.5
<350
250±0
90
5
8 10.5L
2.5
350~2000
240±0
90
5
10 10.5L/13.5L
2.5
350~2000
235±0
60
5
12.5,
16
2.5
>2000
230±0
30 (20*)
5
Re: (20*) is special for mid-to-high voltage which is HU series.
Recommended Land Size (Unit: mm)
Size
ab
c
4
1.6
2.6
1.6
5
1.6
3.0
1.6
6.3
1.6
3.5
1.6
8×6.2L
2.1
4.5
1.6
8×10.5L
3.0
3.5
2.5
10
4.0
4.0
2.5
12.5
4.0
5.7
3.0
16×16.5/21.5
6.0
6.5
3.5
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - SC1C100KT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SC10-005 FRONTIER-SC10-005 Datasheet
113Kb / 1P
   1A SILICON RECTIFIER CELL
SC10-01 FRONTIER-SC10-01 Datasheet
113Kb / 1P
   1A SILICON RECTIFIER CELL
SC10-02 FRONTIER-SC10-02 Datasheet
113Kb / 1P
   1A SILICON RECTIFIER CELL
SC10-04 FRONTIER-SC10-04 Datasheet
113Kb / 1P
   1A SILICON RECTIFIER CELL
SC10-06 FRONTIER-SC10-06 Datasheet
113Kb / 1P
   1A SILICON RECTIFIER CELL
More results

Similar Description - SC1C100KT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH2R06-Y STMICROELECTRONICS-STTH2R06-Y Datasheet
232Kb / 8P
   Low leakage current
August 2014 Rev 1
logo
Cornell Dubilier Electr...
HZC CDE-HZC Datasheet
825Kb / 8P
   Low Leakage Current
logo
American Microsemicondu...
1N34A AMMSEMI-1N34A Datasheet
179Kb / 1P
   Low Leakage Current
logo
DIOTEC Electronics Corp...
DL4001 DEC-DL4001 Datasheet
947Kb / 2P
   Low leakage current
logo
Vishay Siliconix
VS-ETL1506-M3 VISHAY-VS-ETL1506-M3 Datasheet
218Kb / 9P
   Low leakage current
Revision: 08-Jul-15
logo
TT Electronics.
QDN006 TTELEC-QDN006 Datasheet
308Kb / 3P
   Low leakage current
logo
Vishay Siliconix
VS-ETU1506-M3 VISHAY-VS-ETU1506-M3 Datasheet
183Kb / 8P
   Low leakage current
Revision: 08-Jul-15
logo
Inchange Semiconductor ...
20N50 ISC-20N50 Datasheet
146Kb / 2P
   Low leakage current
logo
TE Connectivity Ltd
EBP TEC-EBP Datasheet
177Kb / 3P
   Low leakage current
logo
Shanghai Semitech Semic...
ZY3.6 SEMITECH-ZY3.6 Datasheet
48Kb / 2P
   Low leakage current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com