Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1E100KT Datasheet(PDF) 6 Page - DB Lectro Inc

Part # SC1E100KT
Description  CHIP TYPE, LOW LEAKAGE CURRENT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

SC1E100KT Datasheet(HTML) 6 Page - DB Lectro Inc

Back Button SC1E100KT Datasheet HTML 2Page - DB Lectro Inc SC1E100KT Datasheet HTML 3Page - DB Lectro Inc SC1E100KT Datasheet HTML 4Page - DB Lectro Inc SC1E100KT Datasheet HTML 5Page - DB Lectro Inc SC1E100KT Datasheet HTML 6Page - DB Lectro Inc SC1E100KT Datasheet HTML 7Page - DB Lectro Inc SC1E100KT Datasheet HTML 8Page - DB Lectro Inc SC1E100KT Datasheet HTML 9Page - DB Lectro Inc SC1E100KT Datasheet HTML 10Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SERIES CHART
Chip Type Aluminum Electrolytic Capacitors
CN
85 C
Non-polarized
KP
105 C
Non-polarized
CS
85 C
Standard
CK
105 C Wide
temperature
EL
105 C Long
life assurance
KH
125 C High
reliability
KL
105 C 5000
hours load life
LZ
105 C Low
impedance
KZ
105 C Extra
lower
impedance
Wide
temperature
Non-polarized
Wide temperature
Low impedance
Extra Low impedance
Extra longer life
Longer life
Higher
reliability
FZ
105 C Long life
with extra lower
impedance
Longer life
HU
Mid-to-high
voltage
Higher
Voltage
Low leakage
current
SC
8
5 C Low
leakage current
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - SC1E100KT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SC10-005 FRONTIER-SC10-005 Datasheet
113Kb / 1P
   1A SILICON RECTIFIER CELL
SC10-01 FRONTIER-SC10-01 Datasheet
113Kb / 1P
   1A SILICON RECTIFIER CELL
SC10-02 FRONTIER-SC10-02 Datasheet
113Kb / 1P
   1A SILICON RECTIFIER CELL
SC10-04 FRONTIER-SC10-04 Datasheet
113Kb / 1P
   1A SILICON RECTIFIER CELL
SC10-06 FRONTIER-SC10-06 Datasheet
113Kb / 1P
   1A SILICON RECTIFIER CELL
More results

Similar Description - SC1E100KT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH2R06-Y STMICROELECTRONICS-STTH2R06-Y Datasheet
232Kb / 8P
   Low leakage current
August 2014 Rev 1
logo
Cornell Dubilier Electr...
HZC CDE-HZC Datasheet
825Kb / 8P
   Low Leakage Current
logo
American Microsemicondu...
1N34A AMMSEMI-1N34A Datasheet
179Kb / 1P
   Low Leakage Current
logo
DIOTEC Electronics Corp...
DL4001 DEC-DL4001 Datasheet
947Kb / 2P
   Low leakage current
logo
Vishay Siliconix
VS-ETL1506-M3 VISHAY-VS-ETL1506-M3 Datasheet
218Kb / 9P
   Low leakage current
Revision: 08-Jul-15
logo
TT Electronics.
QDN006 TTELEC-QDN006 Datasheet
308Kb / 3P
   Low leakage current
logo
Vishay Siliconix
VS-ETU1506-M3 VISHAY-VS-ETU1506-M3 Datasheet
183Kb / 8P
   Low leakage current
Revision: 08-Jul-15
logo
Inchange Semiconductor ...
20N50 ISC-20N50 Datasheet
146Kb / 2P
   Low leakage current
logo
TE Connectivity Ltd
EBP TEC-EBP Datasheet
177Kb / 3P
   Low leakage current
logo
Shanghai Semitech Semic...
ZY3.6 SEMITECH-ZY3.6 Datasheet
48Kb / 2P
   Low leakage current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com