Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HU2D471KR Datasheet(PDF) 1 Page - DB Lectro Inc

Part # HU2D471KR
Description  CHIP TYPE, MID-TO-HIGH VOLTAGE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

HU2D471KR Datasheet(HTML) 1 Page - DB Lectro Inc

  HU2D471KR Datasheet HTML 1Page - DB Lectro Inc HU2D471KR Datasheet HTML 2Page - DB Lectro Inc HU2D471KR Datasheet HTML 3Page - DB Lectro Inc HU2D471KR Datasheet HTML 4Page - DB Lectro Inc HU2D471KR Datasheet HTML 5Page - DB Lectro Inc HU2D471KR Datasheet HTML 6Page - DB Lectro Inc HU2D471KR Datasheet HTML 7Page - DB Lectro Inc HU2D471KR Datasheet HTML 8Page - DB Lectro Inc HU2D471KR Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HU Series
CHIP TYPE, MID-TO-HIGH VOLTAGE
Load life of 5000 hours with temperature up to +105 C
Comply with the RoHS directive (2002/95/EC)
SPECIFICATIONS
Item
Characteristics
Operation Temperature Range
-40 ~ +105°C
Rated Working Voltage
160 ~ 450V
Capacitance Tolerance
±20% at 120Hz, 20°C
I
0.04CV + 100 ( A) whichever is greater (after 2 minutes)
Leakage Current
I: Leakage current ( A)
C: Normal Capacitance ( F)
V: Rated Voltage (V)
Measurement frequency: 120Hz, Temperature: 20°C
Rate voltage (V)
160
200
250
400
450
tan
(max.)
0.15
0.15
0.15
0.20
0.20
Dissipation Factor
Rated voltage (V)
160
200
250
400
450
Z(-25°C) / Z(20°C)
33366
Impedance ratio
ZT/Z20 (max)
Z(-40°C) / Z(20°C)
6
6
6
10
10
Low Temperature Characteristics
(Impedance radio at 120Hz)
Capacitance Change
Within 20% of initial value
Dissipation Factor
200% or less of initial specified value
Leakage Current
initial specified value or less
Load Life
(After 5000 hours application of the
rated voltage at 105°C)
After reflow soldering according to Reflow Soldering Condition (see page 8) and restored at
room temperature, they meet the characteristics requirements list as bellow.
Capacitance Change
Within 10% of initial value
Dissipation Factor
initial specified value or less
Leakage Current
initial specified value or less
Resistance to Soldering Heat
Reference Standard
JIS C-5141 and JIS C-5102
DRAWING (Unit: mm)
DIMENSIONS (Unit: mm)
D x L
12.5 x 13.5
12.5 x 16
16 x 16.5
16 x 21.5
A
4.7
4.7
5.5
5.5
B
13.0
13.0
17.0
17.0
C
13.0
13.0
17.0
17.0
E 0.2
4.6
4.6
6.7
6.7
L
13.5
16.0
16.5
21.5
[Safety vent for product where diameter is more than 12.5mm]


Similar Part No. - HU2D471KR

ManufacturerPart #DatasheetDescription
logo
AIC tech Inc.
HU2D471MCYS2WPEC AICTECH-HU2D471MCYS2WPEC Datasheet
90Kb / 4P
   Useful of 4,000 hours at 105ºC
HU2D471MLU50EC AICTECH-HU2D471MLU50EC Datasheet
820Kb / 3P
   Useful of 2,000 hours at 105ºC
HU2D471MLV40EC AICTECH-HU2D471MLV40EC Datasheet
820Kb / 3P
   Useful of 2,000 hours at 105ºC
More results

Similar Description - HU2D471KR

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ3E2X7R2A152K080AA TDK-CGJ3E2X7R2A152K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E2X7R2A472K080AA TDK-CGJ3E2X7R2A472K080AA Datasheet
139Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D151J080AA TDK-CGJ3E3C0G2D151J080AA Datasheet
130Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D471J080AA TDK-CGJ3E3C0G2D471J080AA Datasheet
131Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E2X7R2A103K080AA TDK-CGJ3E2X7R2A103K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E2X7R2A222K080AA TDK-CGJ3E2X7R2A222K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D121J080AA TDK-CGJ3E3C0G2D121J080AA Datasheet
130Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D181J080AA TDK-CGJ3E3C0G2D181J080AA Datasheet
130Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D331J080AA TDK-CGJ3E3C0G2D331J080AA Datasheet
131Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D681J080AA TDK-CGJ3E3C0G2D681J080AA Datasheet
131Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com