Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ676 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SJ676
Description  Silicon P-Channel MOS Type Switching Regulator, DC/DC Converter and Motor Drive Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ676 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SJ676 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ676 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ676 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SJ676
2006-11-17
2
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
μA
Drain cutoff current
IDSS
VDS = −200 V, VGS = 0 V
−100
μA
Drain−source breakdown voltage
V (BR) DSS
ID = −10 mA, VGS = 0 V
−200
V
Gate threshold voltage
Vth
VDS = −10 V, ID = −1 mA
−1.5
−3.5
V
Drain−source ON-resistance
RDS (ON)
VGS = −10 V, ID = −1.5 A
1.6
2.0
Forward transfer admittance
|Yfs|
VDS = −10 V, ID = −1.5 A
1.0
2.0
S
Input capacitance
Ciss
410
Reverse transfer capacitance
Crss
40
Output capacitance
Coss
VDS = −10 V, VGS = 0 V, f = 1 MHz
145
pF
Rise time
tr
20
Turn−on time
ton
45
Fall time
tf
15
Switching time
Turn−off time
toff
85
ns
Total gate charge (gate−source
plus gate−drain)
Qg
10
Gate−source charge
Qgs
6
Gate−drain (“Miller”) charge
Qgd
VDD ≈ −160 V, VGS = −10 V, ID = −2.5 A
4
nC
Source−Drain Ratings and Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
−2.5
A
Pulse drain reverse current
(Note 1)
IDRP
−10
A
Forward voltage (diode)
VDSF
IDR = −2.5 A, VGS = 0 V
2.0
V
Reverse recovery time
trr
135
ns
Reverse recovery charge
Qrr
IDR = −2.5 A, VGS = 0 V
dlDR / dt = 100 A / μs
0.81
μC
Marking
Duty <= 1%, tw = 10 μs
−10 V
0 V
VGS
RL =
66.7
Ω
VDD ∼− −100 V
ID = −1.5 A
Output
J676
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)


Similar Part No. - 2SJ676

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ676 TOSHIBA-2SJ676 Datasheet
141Kb / 3P
   Switching Regulator, DC/DC Converter and
2SJ676 TOSHIBA-2SJ676_09 Datasheet
141Kb / 3P
   Switching Regulator, DC/DC Converter and
More results

Similar Description - 2SJ676

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ610 TOSHIBA-2SJ610_06 Datasheet
183Kb / 6P
   Silicon P-Channel MOS Type Switching Regulator, DC/DC Converter and Motor Drive Applications
2SJ680 TOSHIBA-2SJ680_06 Datasheet
189Kb / 6P
   Silicon P-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK3398 TOSHIBA-2SK3398_06 Datasheet
190Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK2613 TOSHIBA-2SK2613_06 Datasheet
210Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3342 TOSHIBA-2SK3342_07 Datasheet
249Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3845 TOSHIBA-2SK3845 Datasheet
231Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications and Motor Drive Applications
2SK3842 TOSHIBA-2SK3842 Datasheet
216Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3373 TOSHIBA-2SK3373_06 Datasheet
177Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator and DC/DC Converter Applications Motor Drive Applications
2SK3236 TOSHIBA-2SK3236_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3388 TOSHIBA-2SK3388_06 Datasheet
188Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com