Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK362 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK362
Description  Silicon N Channel Junction Type For Audio Amplifier, Analog Switch, Constant Current and Impedance Converter Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK362 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK362 Datasheet HTML 1Page - Toshiba Semiconductor 2SK362 Datasheet HTML 2Page - Toshiba Semiconductor 2SK362 Datasheet HTML 3Page - Toshiba Semiconductor 2SK362 Datasheet HTML 4Page - Toshiba Semiconductor 2SK362 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SK362
2007-11-01
1
TOSHIBA Field Effect Transistor Silicon N Channel Junction Type
2SK362
For Audio Amplifier, Analog Switch, Constant Current
and Impedance Converter Applications
• High breakdown voltage: VGDS = −50 V
• High input impedance: IGSS = −1.0 nA (max) (VGS = −30 V)
• Low RDS (ON): RDS (ON) = 80 Ω (typ.) (IDSS = 5 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Gate-drain voltage
VGDS
−50
V
Gate current
IG
10
mA
Drain power dissipation
PD
300
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note:
Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate cut-off current
IGSS
VGS = −30 V, VDS = 0
−1.0
nA
Gate-drain breakdown voltage
V (BR) GDS
VDS = 0, IG = −100 μA
−50
V
Drain current
IDSS
(Note 1)
VDS = 10 V, VGS = 0
1.2
14
mA
Gate-source cut-off voltage
VGS (OFF)
VDS = 10 V, ID = 0.1 μA
−0.25
−1.5
V
Forward transfer admittance
⎪Yfs
VDS = 10 V, VGS = 0, f = 1 kHz (Note 2)
5.0
19
mS
Input capacitance
Ciss
VDS = 10 V, VGS = 0, f = 1 MHz
13
pF
Reverse transfer capacitance
Crss
VGD = −10 V, ID = 0, f = 1 MHz
3
pF
Drain-source ON resistance
RDS (ON)
VDS = 10 mV, VGS = 0
(Note 2)
80
Ω
Note 1: IDSS classification Y: 1.2~3.0 mA, GR: 2.6~6.5 mA, BL: 6~14 mA
Note 2: Condition of the typical value IDSS = 5 mA
Unit: mm
JEDEC
TO-92
JEITA
SC-43
TOSHIBA
2-5F1D
Weight: 0.21 g (typ.)


Similar Part No. - 2SK362

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK362 TOSHIBA-2SK362 Datasheet
222Kb / 4P
   N CHANNEL NUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
2SK3625 TOSHIBA-2SK3625 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Guangdong Kexin Industr...
2SK3628 KEXIN-2SK3628 Datasheet
40Kb / 2P
   Silicon N-channel Power MOSFET
More results

Similar Description - 2SK362

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK366 TOSHIBA-2SK366_07 Datasheet
648Kb / 5P
   Silicon N Channel Junction Type For Audio Amplifier, Analog-Switch, Constant Current and Impedance Converter Applications
2SK364 TOSHIBA-2SK364_07 Datasheet
655Kb / 5P
   Silicon N Channel Junction Type For Audio Amplifier, Analog Switch, Constant Current and Impedance Converter Applications
2SK372 TOSHIBA-2SK372_07 Datasheet
696Kb / 5P
   Silicon N Channel Junction Type For Audio Amplifier, Analog-Switch, Constant-Current and Impedance Converter Applications
2SK363 TOSHIBA-2SK363_07 Datasheet
693Kb / 5P
   Silicon N Channel Junction Type For Audio Amplifier, Analog Switch, Constant Current and Impedance Converter Applications
2SK330 TOSHIBA-2SK330_07 Datasheet
655Kb / 5P
   Silicon N Channel Junction Type For Audio Amplifier, Analog Switch, Constant Current and Impedance Converter Applications
2SK365 TOSHIBA-2SK365_07 Datasheet
679Kb / 5P
   Silicon N Channel Junction Type For Audio Amplifier, Analog-Switch, Constant Current and Impedance Converter Applications
2SK365 TOSHIBA-2SK365 Datasheet
223Kb / 4P
   N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
2SK366 TOSHIBA-2SK366 Datasheet
217Kb / 4P
   N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
2SK372 TOSHIBA-2SK372 Datasheet
225Kb / 4P
   N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
2SK364 TOSHIBA-2SK364 Datasheet
218Kb / 4P
   N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com