Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JQX-14FC2CZ6AAC6NIL5 Datasheet(PDF) 4 Page - DB Lectro Inc

Part # JQX-14FC2CZ6AAC6NIL5
Description  NHG RELAYS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JQX-14FC2CZ6AAC6NIL5 Datasheet(HTML) 4 Page - DB Lectro Inc

  JQX-14FC2CZ6AAC6NIL5 Datasheet HTML 1Page - DB Lectro Inc JQX-14FC2CZ6AAC6NIL5 Datasheet HTML 2Page - DB Lectro Inc JQX-14FC2CZ6AAC6NIL5 Datasheet HTML 3Page - DB Lectro Inc JQX-14FC2CZ6AAC6NIL5 Datasheet HTML 4Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
12.8max.
2-0.4
1
2-0.16
1
29max.
2-0.5
1
2
1C
7.5
1A
7.5
2C
2A
1C
1A
Pole-distance L: 3.5mm or 5mm
0.138 inch or 0.197 inch)
7.5
7.5
7.5
7.5
(10A)
(16A)
JQX-14FC
JQX-14FC JQX-14FC
1
23
JQX-14FC :5mm(0.197 inch
3
20
15
10
5
JQX-14FC & JQX-14FC (4124)JQX-14FC
12
3
4- 1.3
5- 1.3
6- 1.3
8- 1.3
6- 1.3
8- 1.3
1.142max.
0.504max.
0.079
0.020
0.039
0.006
0.039
0.016
0.039
0.051
0.051
0.051
0.051
0.051
0.051
0.295
0.295
0.295
0.295
0.295
0.295
2-1
0.4
0.039
0.016
1Pole type
2 Pole type
Dimensions
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Wiring diagram
(Bottom view)
Mounting (Bottom view)
Dimensions
mm /inch
Reference Data
Coil Power
W
Operate time
Coil temp. Rise
Contact current
A
Life expectancy
Contact voltage
V
AC Resistive
DC Resistive
Operate time
Release time
Coil Power
W
Ningbo Huaguan Relay Corporation LTD.


Similar Part No. - JQX-14FC2CZ6AAC6NIL5

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JQX-14FC2CZ6 DBLECTRO-JQX-14FC2CZ6 Datasheet
280Kb / 3P
   ELECTRONIC COMPONENTS
More results

Similar Description - JQX-14FC2CZ6AAC6NIL5

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NVF4-1 DBLECTRO-NVF4-1 Datasheet
650Kb / 2P
   NHG RELAYS
NVF4-3 DBLECTRO-NVF4-3 Datasheet
860Kb / 3P
   NHG RELAYS
JQX-13F DBLECTRO-JQX-13F Datasheet
625Kb / 4P
   NHG RELAYS
NG8QW DBLECTRO-NG8QW Datasheet
302Kb / 2P
   NHG RELAYS
NVF4-7 DBLECTRO-NVF4-7 Datasheet
426Kb / 2P
   NHG RELAYS
logo
Panasonic Semiconductor
ECA-1EHG331 PANASONIC-ECA-1EHG331 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1JHG331 PANASONIC-ECA-1JHG331 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-2AHG101 PANASONIC-ECA-2AHG101 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1HHG100 PANASONIC-ECA-1HHG100 Datasheet
81Kb / 5P
   Aluminum Electrolytic Capacitors/NHG
ECA-1VHG222B PANASONIC-ECA-1VHG222B Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com