Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HL1V220LT Datasheet(PDF) 2 Page - DB Lectro Inc

Part # HL1V220LT
Description  ALUMINIUM ELECTROLYTIC CAPACITOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

HL1V220LT Datasheet(HTML) 2 Page - DB Lectro Inc

  HL1V220LT Datasheet HTML 1Page - DB Lectro Inc HL1V220LT Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIMENSIONS
D x L (mm)
RC: mA (rms) at 120Hz 105°C
PERMISSIBLE RIPPLE CURRENT
Imp: m
Ω (ohm) at 100KHz 25°C
WV
uF
Item
RC
Imp
RC
Imp
RC
Imp
RC
Imp
RC
Imp
RC
Imp
]
60
6.50
]
80
3.60
]
105
3.50
100
3.00
105
2.90
110
3.00
160
1.52
160
1.52
165
2.40
165
2.10
185
1.32
200
1.75
190
1.30
210
0.98
210
1.90
230
1.00
230
0.95
275
1.20
265
0.93
265
0.93
282
1.70
313
0.74
300
0.75
340
0.96
355
0.61
355
0.61
385
0.79
410
0.49
420
0.49
460
0.80
475
0.28
475
0.28
520
0.64
530
0.40
545
0.36
637
0.22
650
0.22
645
0.44
750
0.22
780
0.22
820
0.35
960
0.22
450
68
47
33
22
10
4.7
]
16 x 26
16 x 31
400
10 x 20
350
200
250
]
]
10 x 20
10 x 20
WV
uF
160
3.3
3.3
10 x 20
150
220
100
10 x 20
13 x 20
13 x 20
10 x 20
10 x 20
13 x 20
13 x 20
16 x 26
13 x 25
13 x 20
16 x 26
13 x 25
16 x 31
13 x 20
18 x 31
13 x 20
13 x 25
13 x 20
13 x 25
16 x 26
13 x 25
16 x 26
16 x 31
18 x 35
18 x 41
16 x 26
16 x 31
18 x 31
18 x 41
18 x 31
330
330
100
18 x 31
150
220
4.7
33
47
68
18 x 31
16 x 31
16 x 35
16 x 31
18 x 41
10
22
450
400
350
250
200
160
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - HL1V220LT

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HL1-HP-DC24V PANASONIC-HL1-HP-DC24V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HL1-HTM-AC240V PANASONIC-HL1-HTM-AC240V Datasheet
151Kb / 7P
   TYPICAL APPLICATIONS
logo
Vishay Siliconix
HL100 VISHAY-HL100 Datasheet
135Kb / 4P
   Wirewound Resistors, Industrial Power, Tubular (HL), Non-Inductive Tubular (NHL)
Revision: 12-Mar-14
logo
HYES Optoelectronics, I...
HL1002 HYES-HL1002 Datasheet
1Mb / 24P
   OLED (96 횞 RGB 횞 64)
logo
Rectron Semiconductor
HL101W RECTRON-HL101W Datasheet
260Kb / 4P
   SURFACE MOUNT SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
More results

Similar Description - HL1V220LT

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
HR1A100KC DBLECTRO-HR1A100KC Datasheet
246Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
ZS1A100KC DBLECTRO-ZS1A100KC Datasheet
203Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
GW1A100KC DBLECTRO-GW1A100KC Datasheet
202Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
SR1A100KC DBLECTRO-SR1A100KC Datasheet
200Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
SM1A100KC DBLECTRO-SM1A100KC Datasheet
197Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1AM101I ETC2-ECA-1AM101I Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
ECA-1EM221B ETC2-ECA-1EM221B Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
SS1A100KC DBLECTRO-SS1A100KC Datasheet
202Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1EM100I ETC2-ECA-1EM100I Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
JZX-18FF DBLECTRO-JZX-18FF Datasheet
717Kb / 3P
   RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com