Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZ2A220LT Datasheet(PDF) 2 Page - DB Lectro Inc

Part # FZ2A220LT
Description  CHIP TYPE, LONG LIFE WITH EXTRA LOWER IMPEDANCE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

FZ2A220LT Datasheet(HTML) 2 Page - DB Lectro Inc

  FZ2A220LT Datasheet HTML 1Page - DB Lectro Inc FZ2A220LT Datasheet HTML 2Page - DB Lectro Inc FZ2A220LT Datasheet HTML 3Page - DB Lectro Inc FZ2A220LT Datasheet HTML 4Page - DB Lectro Inc FZ2A220LT Datasheet HTML 5Page - DB Lectro Inc FZ2A220LT Datasheet HTML 6Page - DB Lectro Inc FZ2A220LT Datasheet HTML 7Page - DB Lectro Inc FZ2A220LT Datasheet HTML 8Page - DB Lectro Inc FZ2A220LT Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
FZ Series
WV
F
6.3
10
16
25
35
4.7
4 x 5.8
1.35
90
10
4 x 5.8
1.35
90
4 x 5.8
1.35
90
5 x 5.8
(4 x 5.8)
0.70
(1.35)
160
(90)
15
4 x 5.8
1.35
90
5 x 5.8
0.70
160
5 x 5.8
0.70
160
22
4 x 5.8
1.35
90
4 x 5.8
1.35
90
5 x 5.8
(4 x 5.8)
0.70
(1.35)
160
(90)
6.3 x 5.8
(5 x 5.8)
0.36
(0.70)
240
(160)
6.3 x 5.8
(5 x 5.8)
0.36
(0.70)
240
(160)
27
4 x 5.8
1.35
90
5 x 5.8
(4 x 5.8)
0.70
(1.35)
160
(90)
5 x 5.8
0.70
160
6.3 x 5.8
(5 x 5.8)
0.36
(0.70)
240
(160)
6.3 x 5.8
0.36
240
33
5 x 5.8
(4 x 5.8)
0.70
(1.35)
160
(90)
5 x 5.8
(4 x 5.8)
0.70
(1.35)
160
(90)
6.3 x 5.8
(5 x 5.8)
0.36
(0.70)
240
(160)
6.3 x 5.8
(5 x 5.8)
0.36
(0.70)
240
(160)
6.3 x 5.8
0.36
240
47
5 x 5.8
(4 x 5.8)
0.70
(1.35)
160
(90)
6.3 x 5.8
(5 x 5.8)
0.36
(0.70)
240
(160)
6.3 x 5.8
(5 x 5.8)
0.36
(0.70)
240
(160)
6.3 x 7.7
(6.3 x 5.8)
0.26
(0.36)
300
(240)
6.3 x 7.7
(6.3 x 5.8)
0.26
(0.36)
300
(240)
56
5 x 5.8
0.70
160
6.3 x 5.8
0.36
240
6.3 x 5.8
0.36
240
6.3 x 7.7
(6.3 x 5.8)
0.26
(0.36)
300
(240)
6.3 x 7.7
0.26
300
68
6.3 x 5.8
(5 x 5.8)
0.36
(0.70)
240
(160)
6.3 x 5.8
0.36
240
6.3 x 7.7
(6.3 x 5.8)
0.26
(0.36)
300
(240)
6.3 x 7.7
0.26
300
6.3 x 7.7
0.26
300
100
6.3 x 5.8
(5 x 5.8)
0.36
(0.70)
240
(160)
6.3 x 7.7
(6.3 x 5.8)
0.26
(0.36)
300
(240)
6.3 x 7.7
(6.3 x 5.8)
0.26
(0.36)
300
(240)
6.3 x 7.7
0.26
300
8 x 10.5
0.16
600
150
6.3 x 5.8
0.36
240
6.3 x 7.7
0.26
300
6.3 x 7.7
0.26
300
8 x 10.5
(6.3 x 7.7)
0.16
(0.26)
600
(300)
10 x 10.5
(8 x 10.5)
0.08
(0.16)
850
(600)
220
6.3 x 7.7
(6.3 x 5.8)
0.26
(0.36)
300
(240)
6.3 x 7.7
0.26
300
8 x 10.5
(6.3 x 7.7)
0.16
(0.26)
600
(300)
8 x 10.5
0.16
600
10 x 10.5
(8 x 10.5)
0.08
(0.16)
850
(600)
330
6.3 x 7.7
0.26
300
8 x 10.5
0.16
600
10 x 10.5
(8 x 10.5)
0.08
(0.16)
850
(600)
10 x 10.5
(8 x 10.5)
0.08
(0.16)
850
(600) 10 x 10.5
0.08
850
470
8 x 10.5
0.16
600
8 x 10.5
0.16
600
10 x 10.5
(8 x 10.5)
0.08
(0.16)
850
(600)
10 x 10.5
0.08
850
680
10 x 10.5
(8 x 10.5)
0.08
(0.16)
850
(600)
10 x 10.5
0.08
850
10 x 10.5
0.08
850
1000
10 x 10.5
(8 x 10.5)
0.08
(0.16)
850
(600)
10 x 10.5
0.08
850
1500
10 x 10.5
0.08
850
maximum impedance ( ) at 20 C 100kHz, ripple current (mA rms) at 105 C 120Hz
Frequency
50Hz
120Hz
300Hz
1KHz
10KHz~
Coefficient
0.35
0.50
0.64
0.83
1.00
Note: All design and specifications are for reference only and is subject to change without prior notice. If any doubt about safety for
your application, please contact us immediately for technical assistance before purchase.
DIMENSIONS & MAXIMUM PERMISSIBLE RIPPLE CURRENT
FREQUENCY COEFFICIENT OF ALLOWABLE RIPPLE CURRENT
Case size
∅D×L (mm),
Case size
Ripple
current
Impedance
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - FZ2A220LT

ManufacturerPart #DatasheetDescription
logo
PowerVolt Inc.
FZ20-300 POWERVOLT-FZ20-300 Datasheet
458Kb / 1P
   CIRCUIT MOUNT, LOW PROFILE POWER TRANSFORMER
logo
Infineon Technologies A...
FZ2000R33HE4 INFINEON-FZ2000R33HE4 Datasheet
739Kb / 10P
   IHM-B Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled 4 Diode
V2.1 2019-07-24
logo
Power Integrations, Inc...
FZ2000R33HE4 POWERINT-FZ2000R33HE4 Datasheet
238Kb / 9P
   SCALE-2 Plug-and-Play Drivers
2019-05-13
logo
List of Unclassifed Man...
FZ200R65KF1 ETC2-FZ200R65KF1 Datasheet
128Kb / 6P
   SCALE High Voltage IGBT Driver
logo
Infineon Technologies A...
FZ200R65KF2 INFINEON-FZ200R65KF2 Datasheet
255Kb / 8P
   IGBT-modules
2008-02-28 revision:3.0
More results

Similar Description - FZ2A220LT

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
KZ1H010KC DBLECTRO-KZ1H010KC Datasheet
564Kb / 13P
   CHIP TYPE, EXTRA LOW IMPEDANCE
logo
jb Capacitors Company
JRD JBCAPACITORS-JRD Datasheet
480Kb / 3P
   Low Impedance, Long Life
logo
RUBYCON CORPORATION
16YXF470MEFC10X12.5 RUBYCON-16YXF470MEFC10X12.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
50YXF100MEFCTA8X11.5 RUBYCON-50YXF100MEFCTA8X11.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
50YXF330MEFC10X20 RUBYCON-50YXF330MEFC10X20 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
63YXF100MEFC10X12.5 RUBYCON-63YXF100MEFC10X12.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
50YXF470MEFC12.5X20 RUBYCON-50YXF470MEFC12.5X20 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
logo
DB Lectro Inc
EL1A100KC DBLECTRO-EL1A100KC Datasheet
515Kb / 13P
   CHIP TYPE, LONG LIFE ASSURANCE
logo
RUBYCON CORPORATION
50YXF100MEFC8X11.5 RUBYCON-50YXF100MEFC8X11.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
100YXF100MEFC12.5X20 RUBYCON-100YXF100MEFC12.5X20 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com