Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2719 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # 2SK2719
Description  Silicon N Channel MOS Type Chopper Regulator, DC-DC Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2719 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  2SK2719 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2719 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2719 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2719 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2719 Datasheet HTML 5Page - Toshiba Semiconductor 2SK2719 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SK2719
2006-11-10
5
rth – tw
Pulse width tw (s)
Drain-source voltage VDS (V)
Safe Operating Area
Channel temperature (initial) Tch (°C)
EAS – Tch
Test circuit
Wave form
IAR
BVDSS
VDD
VDS
RG = 25 Ω
VDD = 90 V, L = 60 mH
⎟⎟
⎜⎜
=
V
B
B
·
·L·I
2
1
Ε
DD
VDSS
VDSS
2
AS
−15 V
15 V
0.003
100 m
10 m
0.01
1
1
10
0.005
0.3
3
0.03
0.5
0.05
0.1
10
μ
100
μ
1 m
Duty
= 0.5
0.02
0.2
0.1
0.05
Single pulse
0.01
T
PDM
t
Duty
= t/T
Rth (ch-c) = 1.0°C/W
0
25
200
500
150
75
100
300
400
50
100
125
*: Single nonrepetitive pulse
Tc
= 25°C
Curves must be derated linearly
with increase in temperature.
ID max (continuous)
ID max (pulsed)*
VDSS max
1 ms*
100
μs*
DC operation
Tc
= 25°C
0.01
0.1
0.3
0.5
1
3
10
10
30
300
1000
1
100
30
3
0.03
0.05


Similar Part No. - 2SK2719

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2719 TOSHIBA-2SK2719 Datasheet
288Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2719 TOSHIBA-2SK2719 Datasheet
187Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK2719 TOSHIBA-2SK2719 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK2719 ISC-2SK2719 Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK2719 TOSHIBA-2SK2719_09 Datasheet
187Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
More results

Similar Description - 2SK2719

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2614 TOSHIBA-2SK2614_06 Datasheet
235Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK3127 TOSHIBA-2SK3127_07 Datasheet
160Kb / 3P
   Silicon N Channel MOS Type Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK3129 TOSHIBA-2SK3129_06 Datasheet
136Kb / 3P
   Silicon N Channel MOS Type Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK4017 TOSHIBA-2SK4017 Datasheet
241Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2399 TOSHIBA-2SK2399_06 Datasheet
776Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2782 TOSHIBA-2SK2782_06 Datasheet
723Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2845 TOSHIBA-2SK2845_06 Datasheet
697Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2865 TOSHIBA-2SK2865_06 Datasheet
710Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2882 TOSHIBA-2SK2882_06 Datasheet
189Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK4020 TOSHIBA-2SK4020 Datasheet
766Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK4019 TOSHIBA-2SK4019 Datasheet
771Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com