Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR2C221LT Datasheet(PDF) 2 Page - DB Lectro Inc

Part # HR2C221LT
Description  ALUMINIUM ELECTROLYTIC CAPACITOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

HR2C221LT Datasheet(HTML) 2 Page - DB Lectro Inc

  HR2C221LT Datasheet HTML 1Page - DB Lectro Inc HR2C221LT Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIMENSIONS
D x L (mm)
RC: mA (rms) at 100KHz 105°C
PERMISSIBLE RIPPLE CURRENT
Imp: m
Ω (ohm) at 100KHz 25°C
WV
uF
Item
RC
Imp
RC
Imp
RC
Imp
RC
Imp
RC
Imp
RC
Imp
RC
Imp
]
278
0.600
350
0.480
500
0.410
]
314
0.370
375
0.350
470
0.330
610
0.280
]
250
0.650
310
0.400
420
0.310
560
0.270
600
0.260
790
0.230
370
0.440
420
0.290
600
0.200
660
0.180
970
0.150
1040
0.140
1200
0.130
480
0.310
580
0.210
780
0.170
1020
0.130
1150
0.120
1330
0.110
1710
0.098
610
0.220
730
0.160
1010
0.120
1180
0.097
1465
0.092
1700
0.088
2080
0.082
780
0.150
970
0.110
1320
0.075
1500
0.072
1850
0.068
2050
0.065
1040
0.100
1310
0.080
1670
0.068
1970
0.062
2080
0.055
2330
0.049
1430
0.090
1600
0.065
1900
0.058
2300
0.042
2370
0.032
1700
0.069
1980
0.059
2510
0.050
2710
0.040
2090
0.055
2450
0.048
2800
0.040
3050
0.035
2450
0.048
2680
0.042
3010
0.036
LOAD LIFE
RIPPLE CURRENT COEFFICIENTS
45
65
85
105
0.60
0.70
0.85
0.95
1.00
2.40
2.15
1.70
1.00
0.65
0.75
0.90
0.98
1.00
0.75
0.80
0.95
1.00
1.00
25
16
10
100
63
50
35
68
330
470
680
100
220
16 x 35
18 x 41
16 x 41
10K
Hz
uF
60(50)
120
1K
100K
13 x 30
13 x 40
16 x 41
18 x 41
13 x 30
13 x 40
13 x 20
13 x 25
13 x 30
13 x 25
13 x 40
16 x 41
47 ~ 330
Multiplier
39 ~ 1000
13 x 40
4700
3300
1000
4700
1500
2200
1000 ~ 4700
1000
13 x 20
13 x 25
13 x 30
13 x 40
18 x 35
3300
Temperature(°C)
10 x 16
13 x 25
10 x 20
13 x 20
10 x 20
13 x 30
16 x 35
16 x 41
8 x 16
10 x 16
13 x 20
10 x 20
16 x 31
13 x 20
10 x 20
13 x 25
13 x 20
16 x 35
10 x 16
8 x 14
10 x 16
10 x 20
8 x 14
8 x 16
10 x 16
8 x 14
8 x 14
13 x 20
10 x 16
13 x 25
10 x 20
]
8 x 12
]
WV
uF
10
47
47
[
8 x 12
1500
2200
63
10 x 16
50
16
25
35
8 x 12
8 x 14
8 x 12
8 x 12
100
680
470
330
220
100
68
10 x 16
13 x 25
13 x 30
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - HR2C221LT

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
HR2000 MPS-HR2000 Datasheet
992Kb / 20P
   Fluorescent Lamp HB Driver with PFC
HR2000GS MPS-HR2000GS Datasheet
992Kb / 20P
   Fluorescent Lamp HB Driver with PFC
logo
Hirose Electric
HR21-27TP-6P HIROSE-HR21-27TP-6P Datasheet
213Kb / 4P
   CIRCULAR WATER-PROOF CONNECTORS FOR OUTPUT USE
HR21-27TP-6PX HIROSE-HR21-27TP-6PX Datasheet
213Kb / 4P
   CIRCULAR WATER-PROOF CONNECTORS FOR OUTPUT USE
HR21-27TP-6PY HIROSE-HR21-27TP-6PY Datasheet
213Kb / 4P
   CIRCULAR WATER-PROOF CONNECTORS FOR OUTPUT USE
More results

Similar Description - HR2C221LT

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
ZS1A100KC DBLECTRO-ZS1A100KC Datasheet
203Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
GW1A100KC DBLECTRO-GW1A100KC Datasheet
202Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
SR1A100KC DBLECTRO-SR1A100KC Datasheet
200Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
SM1A100KC DBLECTRO-SM1A100KC Datasheet
197Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1AM101I ETC2-ECA-1AM101I Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
HL1A100KC DBLECTRO-HL1A100KC Datasheet
196Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1EM221B ETC2-ECA-1EM221B Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
SS1A100KC DBLECTRO-SS1A100KC Datasheet
202Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1EM100I ETC2-ECA-1EM100I Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
JZX-18FF DBLECTRO-JZX-18FF Datasheet
717Kb / 3P
   RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com