Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SV225 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 1SV225
Description  Electronic Tuning Applications of FM Receivers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SV225 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  1SV225_07 Datasheet HTML 1Page - Toshiba Semiconductor 1SV225_07 Datasheet HTML 2Page - Toshiba Semiconductor 1SV225_07 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SV225
2007-11-01
1
TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
1SV225
Electronic Tuning Applications of FM Receivers
• Low series resistance: rs = 0.35 (typ.)
• Small package
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Reverse voltage
VR
32
V
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate,
etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Reverse voltage
VR
IR = 10 μA
32
V
Reverse current
IR
VR = 30 V
50
nA
Capacitance
C3 V
VR = 3 V, f = 1 MHz
(Note 1)
18.5
19.7
21
pF
Capacitance
C30 V
VR = 30 V, f = 1 MHz
(Note 1)
6.6
7.2
7.7
pF
Capacitance ratio
C3 V/C30 V
(Note 1)
2.6
2.9
Series resistance
rs
VR = 3 V, f = 100 MHz
(Note 1)
0.35
0.5
Ω
Note 1: Characteristics between anode 1 and anode 2
Marking
Unit: mm
JEDEC
JEITA
SC-59
TOSHIBA
1-3G1F
Weight: 0.013 g (typ.)


Similar Part No. - 1SV225_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SV225 TOSHIBA-1SV225 Datasheet
107Kb / 2P
   VARIABLE CAPACITANCE DIODE (ELECTRONIC TUNING APPLICATIONS OF FM RECEIVERS)
More results

Similar Description - 1SV225_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
JDV3C11 TOSHIBA-JDV3C11 Datasheet
104Kb / 4P
   Electronic Tuning Applications of FM Receivers
1SV228 TOSHIBA-1SV228_07 Datasheet
246Kb / 4P
   Electronic Tuning Applications of FM Receivers
JDV3C34 TOSHIBA-JDV3C34 Datasheet
166Kb / 4P
   Electronic Tuning Applications for FM Receivers
1SV228 TOSHIBA-1SV228 Datasheet
134Kb / 3P
   VARIABLE CAPACITANCE DIODE (ELECTRONIC TUNING APPLICATIONS OF FM RECEIVERS)
1SV225 TOSHIBA-1SV225 Datasheet
107Kb / 2P
   VARIABLE CAPACITANCE DIODE (ELECTRONIC TUNING APPLICATIONS OF FM RECEIVERS)
logo
Sanyo Semicon Device
SVC231 SANYO-SVC231 Datasheet
30Kb / 4P
   FM Receiver Electronic Tuning Applications
SVC276 SANYO-SVC276 Datasheet
29Kb / 3P
   FM Receiver Electronic Tuning Applications
logo
ON Semiconductor
SVC720 ONSEMI-SVC720 Datasheet
89Kb / 4P
   FM Receiver Electronic Tuning Applications
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
SVC272 SANYO-SVC272 Datasheet
18Kb / 3P
   FM Receiver Electronic Tuning Applications
SVC272 SANYO-SVC272_12 Datasheet
411Kb / 6P
   FM Receiver Electronic Tuning Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com