Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FM48 Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TMP86FM48
Description  8 Bit Microcontroller
Download  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FM48 Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TMP86FM48 Datasheet HTML 5Page - Toshiba Semiconductor TMP86FM48 Datasheet HTML 6Page - Toshiba Semiconductor TMP86FM48 Datasheet HTML 7Page - Toshiba Semiconductor TMP86FM48 Datasheet HTML 8Page - Toshiba Semiconductor TMP86FM48 Datasheet HTML 9Page - Toshiba Semiconductor TMP86FM48 Datasheet HTML 10Page - Toshiba Semiconductor TMP86FM48 Datasheet HTML 11Page - Toshiba Semiconductor TMP86FM48 Datasheet HTML 12Page - Toshiba Semiconductor TMP86FM48 Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 205 page
background image
TMP86FM48
2007-08-24
86FM48-7
Operational Description
1.
CPU Core Functions
The CPU core consists of a CPU, a system clock controller, and an interrupt controller.
This section provides a description of the CPU core, the program memory, the data memory, the
external memory interface, and the reset circuit.
1.1
Memory Address Map
The TMP86FM48 memory consists of 5 blocks: FLASH memory, BOOT ROM, RAM, DBR
(Data buffer register) and SFR (Special function register). They are all mapped in 64-Kbyte
address space. Figure 1.1.1 shows the TMP86FM48 memory address map. The general-purpose
registers are not assigned to the RAM address space.
Figure 1.1.1 Memory Address Maps
1.2
Program Memory (FLASH)
The TMP86FM48 has a 32 K
× 8 bits (Address 8000H to FFFFH) of program memory
(FLASH). The area of 8000H to 81FFH can be used as a 512
× 8 bits data memory of FLASH.
FLASH memory: FLASH memory includes:
Program memory (The area of 8000H to
81FFH can be used as data memory.)
Vector table
BOOT ROM: FLASH writing program
RAM: Random Access Memory includes:
Data memory
Stack
SFR: Special Function Register includes:
I/O ports
Peripheral control registers
Peripheral status registers
System control registers
Interrupt control registers
Program Status Word
DBR: Data Buffer Register includes:
Peripheral control registers
Peripheral Status registers
Vector table for vector call instructions (16 vectors)
Vector table for interrupts/reset (16 vectors)
Vector table for interrupts (8 vectors)
0000H
64 bytes
2048 bytes
128 bytes
SFR
RAM
DBR
FLASH memory
(Program memory)
32176 bytes
32 bytes
32 bytes
003FH
0040H
083FH
1F80H
1FFFH
8000H
FFBFH
FFC0H
FFDFH
FFE0H
FFFFH
16 bytes
FFB0H
2048 bytes
BOOT ROM
3800H
3FFFH
512 bytes
81FFH
8200H
FLASH memory
(Data memory)


Similar Part No. - TMP86FM48

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP86FM48FG TOSHIBA-TMP86FM48FG Datasheet
1Mb / 61P
   Microcomputers / Microcomputer Development Systems
TMP86FM48UG TOSHIBA-TMP86FM48UG Datasheet
1Mb / 61P
   Microcomputers / Microcomputer Development Systems
More results

Similar Description - TMP86FM48

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com