Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SV228 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 1SV228
Description  Electronic Tuning Applications of FM Receivers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SV228 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  1SV228 Datasheet HTML 1Page - Toshiba Semiconductor 1SV228 Datasheet HTML 2Page - Toshiba Semiconductor 1SV228 Datasheet HTML 3Page - Toshiba Semiconductor 1SV228 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1SV228
2007-11-01
2
Table 1
Address Classification of Capacitance
Test Condition: f
= 1 MHz, Ta = 25°C
No.
C2 V
C3 V
C6 V
C8 V
1
34.70~35.74
28.60~29.45
16.80~17.30
11.72~12.07
2
35.56~36.62
29.31~30.18
17.21~17.72
12.01~12.37
3
36.44~37.53
30.03~30.93
17.63~18.15
12.31~12.67
4
37.35~38.47
30.77~31.69
18.06~18.60
12.61~12.98
5
38.27~39.41
31.53~32.47
18.50~19.05
12.92~13.30
6
18.95~19.51
13.23~13.62
(1) Units are compounded in one package and are matched to 3%.
(min)
C
(min)
C
(max)
C
<= 0.03 (VR = 2~8 V)
and capacitance is classified as Table 1.
(2) C2 V, C3 V, C6 V, C8 V are A1-A2 capacitance.
(3) The tolerance of address is
±1 address.


Similar Part No. - 1SV228

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SV228 TOSHIBA-1SV228 Datasheet
134Kb / 3P
   VARIABLE CAPACITANCE DIODE (ELECTRONIC TUNING APPLICATIONS OF FM RECEIVERS)
logo
NXP Semiconductors
1SV228 NXP-1SV228 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Toshiba Semiconductor
1SV228 TOSHIBA-1SV228_14 Datasheet
179Kb / 4P
   TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
More results

Similar Description - 1SV228

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
JDV3C11 TOSHIBA-JDV3C11 Datasheet
104Kb / 4P
   Electronic Tuning Applications of FM Receivers
1SV225 TOSHIBA-1SV225_07 Datasheet
243Kb / 3P
   Electronic Tuning Applications of FM Receivers
JDV3C34 TOSHIBA-JDV3C34 Datasheet
166Kb / 4P
   Electronic Tuning Applications for FM Receivers
1SV228 TOSHIBA-1SV228 Datasheet
134Kb / 3P
   VARIABLE CAPACITANCE DIODE (ELECTRONIC TUNING APPLICATIONS OF FM RECEIVERS)
1SV225 TOSHIBA-1SV225 Datasheet
107Kb / 2P
   VARIABLE CAPACITANCE DIODE (ELECTRONIC TUNING APPLICATIONS OF FM RECEIVERS)
logo
Sanyo Semicon Device
SVC231 SANYO-SVC231 Datasheet
30Kb / 4P
   FM Receiver Electronic Tuning Applications
SVC276 SANYO-SVC276 Datasheet
29Kb / 3P
   FM Receiver Electronic Tuning Applications
logo
ON Semiconductor
SVC720 ONSEMI-SVC720 Datasheet
89Kb / 4P
   FM Receiver Electronic Tuning Applications
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
SVC272 SANYO-SVC272 Datasheet
18Kb / 3P
   FM Receiver Electronic Tuning Applications
SVC272 SANYO-SVC272_12 Datasheet
411Kb / 6P
   FM Receiver Electronic Tuning Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com