Electronic Components Datasheet Search |
|
1SV242 Datasheet(PDF) 1 Page - Toshiba Semiconductor |
|
1SV242 Datasheet(HTML) 1 Page - Toshiba Semiconductor |
1 / 3 page 1SV242 2007-11-01 1 TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type 1SV242 TV VHF Wide Band Tuning • High capacitance ratio: C1 V/C28 V = 14.5 (typ.) • Low series resistance: rs = 0.65 Ω (typ.) • Excellent C-V characteristics, and small tracking error. • Small package Absolute Maximum Ratings (Ta = 25°C) Characteristics Symbol Rating Unit Reverse voltage VR 30 V Peak reverse voltage VRM 35 (RL = 10 kΩ)V Junction temperature Tj 125 °C Storage temperature range Tstg −55~125 °C Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Electrical Characteristics (Ta = 25°C) Characteristics Symbol Test Condition Min Typ. Max Unit Reverse voltage VR IR = 1 μA 30 ⎯ ⎯ V Reverse current IR VR = 28 V ⎯ ⎯ 10 nA Capacitance C1 V VR = 1 V, f = 1 MHz (Note 1) 36 39 42 pF Capacitance C28 V VR = 28 V, f = 1 MHz (Note 1) 2.43 2.7 3.0 pF Capacitance ratio C1 V/C28 V ⎯ (Note 1) 13.4 14.5 ⎯ ⎯ Series resistance rs VR = 5 V, f = 470 MHz (Note 1) ⎯ 0.65 0.8 Ω Note 1: Characteristic between anode 1 and anode 2 Note 2: The manufactured devices are divided into groups so that the capacitance variation in each group is kept below 2.5% in the VR range from 1 V to 28 V. (min) C (min) C (max) C − <= 0.025 (VR = 1~28 V) Note 3: Packing Devices in each group occupy adjacent cavities of the embossed tape. The number of devices in each group is a multiple of 12 (except for TPH6/TPH6R and TPH7/TPHR7). Marking Unit: mm JEDEC ― JEITA SC-59 TOSHIBA 1-3G1F Weight: 0.013 g (typ.) |
Similar Part No. - 1SV242 |
|
Similar Description - 1SV242 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |