Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3075 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK3075
Description  SILICON N CHANNEL MOS TYPE RF POWER MOSFET FOR VHF−AND UHF−BAND POWER AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3075 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK3075 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3075 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3075 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3075 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SK3075
2007-11-01
1
TOSHIBA FIELD EFFECT TRANSISTOR SILICON N CHANNEL MOS TYPE
2SK3075
RF POWER MOSFET FOR VHF−AND UHF−BAND POWER AMPLIFIER
(Note)The TOSHIBA products listed in this document are intended for high
frequency Power Amplifier of telecommunications equipment. These
TOSHIBA products are neither intended nor warranted for any other use.
Do not use these TOSHIBA products listed in this document except for high
frequency Power Amplifier of telecommunications equipment.
Output Power
: PO ≥ 7.5W
Power Gain
: GP ≥ 11.7dB
Drain Efficiency
: ηD ≥ 50%
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
25
V
Drain Current
ID
5
A
Drain Power Dissipation
PD*
20
W
Channel Temperature
Tch
150
°C
Storage Temperature Range
Tstg
−45~150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature, etc.) may cause this product to
decrease in the reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
*:
Tc = 25°C When mounted on a 1.6mm glass epoxy PCB
MARKING
Unit: mm
JEDEC
JEITA
TOSHIBA
2−5N1A
Weight: 0.08 g (typ.)


Similar Part No. - 2SK3075

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3075 TOSHIBA-2SK3075 Datasheet
115Kb / 3P
   N CHANNEL MOS TYPE (RF POWER MOSFET FOR VHF- AND UHF-BAND POWER AMPLIFIER)
2SK3075 TOSHIBA-2SK3075 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - 2SK3075

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3074 TOSHIBA-2SK3074_07 Datasheet
160Kb / 4P
   SILICON N CHANNEL MOS TYPE RF POWER MOSFET FOR VHF−AND UHF-BAND POWER AMPLIFIER
2SK3075 TOSHIBA-2SK3075 Datasheet
115Kb / 3P
   N CHANNEL MOS TYPE (RF POWER MOSFET FOR VHF- AND UHF-BAND POWER AMPLIFIER)
2SK3074 TOSHIBA-2SK3074 Datasheet
112Kb / 3P
   N CHANNEL MOS TYPE (RF POWER MOSFET FOR VHF- AND UHF-BAND POWER AMPLIFIER)
2SK3656 TOSHIBA-2SK3656 Datasheet
157Kb / 5P
   Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications
2SK3475 TOSHIBA-2SK3475_07 Datasheet
157Kb / 4P
   Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications
2SK3476 TOSHIBA-2SK3476_07 Datasheet
166Kb / 4P
   Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications
2SK3756 TOSHIBA-2SK3756 Datasheet
155Kb / 5P
   Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications
2SK3078A TOSHIBA-2SK3078A_07 Datasheet
131Kb / 5P
   Silicon N Channel MOS Type VHF/UHF Band Amplifier Applications
logo
Freescale Semiconductor...
MRF1513NT1 FREESCALE-MRF1513NT1 Datasheet
479Kb / 16P
   RF Power Field Effect Transistor N−Channel Enhancement−Mode Lateral MOSFET
logo
NTE Electronics
NTE455 NTE-NTE455 Datasheet
79Kb / 2P
   N−Channel Silicon Dual−Gate MOS Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com