Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JQX-14FC2CZ10AAC24NIL5 Datasheet(PDF) 3 Page - DB Lectro Inc

Part # JQX-14FC2CZ10AAC24NIL5
Description  NHG RELAYS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JQX-14FC2CZ10AAC24NIL5 Datasheet(HTML) 3 Page - DB Lectro Inc

  JQX-14FC2CZ10AAC24NIL5 Datasheet HTML 1Page - DB Lectro Inc JQX-14FC2CZ10AAC24NIL5 Datasheet HTML 2Page - DB Lectro Inc JQX-14FC2CZ10AAC24NIL5 Datasheet HTML 3Page - DB Lectro Inc JQX-14FC2CZ10AAC24NIL5 Datasheet HTML 4Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
006-670
6
7.8
54
4.50
0.6
009-810
9
11.7
100
6.75
0.9
012-800
12
15.6
180
9.00
1.2
015-830
15
19.5
270
11.3
1.5
024-780
24
31.2
740
18.0
2.4
006-900
6
7.8
40
4.50
0.6
009-1160
9
11.7
70
6.75
0.9
012-1200
12
15.6
120
9.00
1.2
015-1250
15
19.5
180
11.3
1.5
024-1230
24
31.2
470
18.0
2.4
0.67W~0.83W
10
5
10
5
2A
1000M
min (at 500VDC)
Item 7 of IEC255-5
JQX-14FC
3
50Hz 1000V
3000V
Item 6 of IEC255-5
50Hz 5000V
4000V Surge voltage 12kV
Item 6 of IEC255-5
8mm (only for JQX-14FC )
Addenda B of IEC255-5
3
2
100m/s
11ms
IEC68-2-27 Test Ea
10~50Hz
amplitude 1.5mm
IEC68-2-6 Test Fc
10N
IEC68-2-21Test Ua1
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
-40~70
-25~75
(JQX-14FC )
3
85% (at 40
)
IEC68-2-3 Test Ca
17g~20g
safety approvals
UL&CUR
T V
CQC
1C 16A/250VAC
2C 5A/220VAC
1HP 250VAC
1/2HP 125VAC
TV-5
2C
0.9W~1.25W
10A/250VAC
1C 10A/250VAC 14VDC
2C 5A/250VAC 30VDC
Load
C
3
Release
Time
ms
Coil voltage
VDC
Coil
resistance
10%
Pick up
voltage
VDC(max)
(75%of rated
voltage )
Release
voltage
VDC(min)
( 10%of rated
voltage )
Coil power
consumption
W
Operate
Time
ms
Rated
Max.
Dash
numbers
Coil Parameter
DC
C
3
C
3
C
3
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Coil Parameter
AC
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Safety approvals
Operation condition
Insulation Resistance
Dielectric Strength
Between contacts
Between contact and coil
Creepage distance
Shock resistance
Vibartion resistance
Terminals strength
Relative Humidity
Relative Humidity
Mass
Ambient Temperature
006AC
6
7.8
16
4.5
0.6
012AC
12
15.6
63
9
1.2
024AC
24
31.2
240
18
2.4
048AC
48
62.4
1085
36
4.8
110AC
110
143
5600
82.5
11
1VA
120AC
220AC
120
220
156
286
6680
21000
90
165
12
22
_
_
Release
Time
ms
Coil voltage
VAC
Coil
resistance
10%
Pick up
voltage
VAC(max)
(75%of rated
voltage )
Release
voltage
VAC(min)
( 10%of rated
voltage )
Coil power
consumption
Operate
Time
ms
Rated
Max.
Dash
numbers
NHG RELAYS


Similar Part No. - JQX-14FC2CZ10AAC24NIL5

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JQX-14FC2CZ10 DBLECTRO-JQX-14FC2CZ10 Datasheet
280Kb / 3P
   ELECTRONIC COMPONENTS
More results

Similar Description - JQX-14FC2CZ10AAC24NIL5

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NVF4-1 DBLECTRO-NVF4-1 Datasheet
650Kb / 2P
   NHG RELAYS
NVF4-3 DBLECTRO-NVF4-3 Datasheet
860Kb / 3P
   NHG RELAYS
JQX-13F DBLECTRO-JQX-13F Datasheet
625Kb / 4P
   NHG RELAYS
NG8QW DBLECTRO-NG8QW Datasheet
302Kb / 2P
   NHG RELAYS
NVF4-7 DBLECTRO-NVF4-7 Datasheet
426Kb / 2P
   NHG RELAYS
logo
Panasonic Semiconductor
ECA-1EHG331 PANASONIC-ECA-1EHG331 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1JHG331 PANASONIC-ECA-1JHG331 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-2AHG101 PANASONIC-ECA-2AHG101 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1HHG100 PANASONIC-ECA-1HHG100 Datasheet
81Kb / 5P
   Aluminum Electrolytic Capacitors/NHG
ECA-1VHG222B PANASONIC-ECA-1VHG222B Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com