Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2120 Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part # AAT2120
Description  500mA Low Noise Step-Down Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2120 Datasheet(HTML) 5 Page - Advanced Analogic Technologies

  AAT2120 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2120 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2120 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2120 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2120 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2120 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2120 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2120 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2120 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Typical Characteristics
Load Regulation
(VOUT = 1.2V; L = 1.5µH)
Output Current (mA)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0.1
1
10
100
VIN = 3.6V
VIN = 4.2V
VIN = 2.7V
VIN = 5.0V
Efficiency vs. Load
(VOUT = 1.2V; L = 1.5µH)
Output Current (mA)
40
50
60
70
80
90
100
0.1
1
10
100
1000
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
Load Regulation
(VOUT = 1.8V; L = 3.3µH)
Output Current (mA)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0.1
1
10
100
1000
VIN = 4.2V
VIN = 2.7V
VIN = 3.6V
Efficiency vs. Load
(VOUT = 1.8V; L = 3.3µH)
Output Current (mA)
40
50
60
70
80
90
100
0.1
1
10
100
1000
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
Load Regulation
(VOUT = 3.0V; L = 4.7µH)
Output Current (mA)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0.1
1
10
100
1000
VIN = 3.6V
VIN = 5.0V
VIN = 4.2V
Efficiency vs. Load
(VOUT = 3.0V; L = 4.7µH)
Output Current (mA)
40
50
60
70
80
90
100
0.1
1
10
100
1000
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
2120.2007.10.1.1
5
AAT2120
500mA Low Noise Step-Down Converter


Similar Part No. - AAT2120

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2120 ANALOGICTECH-AAT2120 Datasheet
684Kb / 19P
   500mA Low Noise Step-Down Converter
logo
Skyworks Solutions Inc.
AAT2120 SKYWORKS-AAT2120 Datasheet
1Mb / 19P
   Soft-Start Control
logo
Advanced Analogic Techn...
AAT2120IES-0.6-T1 ANALOGICTECH-AAT2120IES-0.6-T1 Datasheet
684Kb / 19P
   500mA Low Noise Step-Down Converter
logo
Skyworks Solutions Inc.
AAT2120IES-0.6-T1 SKYWORKS-AAT2120IES-0.6-T1 Datasheet
1Mb / 19P
   Soft-Start Control
logo
Advanced Analogic Techn...
AAT2120 ANALOGICTECH-AAT2120_08 Datasheet
684Kb / 19P
   500mA Low Noise Step-Down Converter
More results

Similar Description - AAT2120

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2120 ANALOGICTECH-AAT2120_08 Datasheet
684Kb / 19P
   500mA Low Noise Step-Down Converter
AAT1120 ANALOGICTECH-AAT1120 Datasheet
717Kb / 20P
   500mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1120 SKYWORKS-AAT1120 Datasheet
960Kb / 19P
   500mA Step-Down Converter
logo
Linear Technology
LTC3251 LINER-LTC3251 Datasheet
439Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3251-1.5 LINER-LTC3251-1.5_15 Datasheet
379Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3251 LINER-LTC3251_15 Datasheet
379Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3251-1.2 LINER-LTC3251-1.2_15 Datasheet
379Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
logo
Diodes Incorporated
AP8801_0912 DIODES-AP8801_0912 Datasheet
154Kb / 11P
   500mA LED Step-down Converter
AP8801 Rev. 4
AP8801 DIODES-AP8801 Datasheet
158Kb / 11P
   500mA LED Step-Down Converter
AP8801 Rev. 1
logo
Advanced Analogic Techn...
AAT2158_0810 ANALOGICTECH-AAT2158_0810 Datasheet
1Mb / 17P
   1.5A Low Noise Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com