Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2120IES-0.6-T1 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT2120IES-0.6-T1
Description  500mA Low Noise Step-Down Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2120IES-0.6-T1 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT2120IES-0.6-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2120IES-0.6-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2120IES-0.6-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2120IES-0.6-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2120IES-0.6-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2120IES-0.6-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2120IES-0.6-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2120IES-0.6-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2120IES-0.6-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Electrical Characteristics
1
V
IN = 3.6V, TA = -40°C to +85°C, unless otherwise noted; typical values are TA = 25°C.
Symbol
Description
Conditions
Min
Typ
Max
Units
V
IN
Input Voltage
2.7
5.5
V
V
IN Rising
2.3
V
V
UVLO
UVLO Threshold
Hysteresis
70
mV
V
IN Falling
1.4
V
V
OUT
Output Voltage Tolerance
2
I
OUT = 0 to 500mA,
-3.0
3.0
%
V
IN = 2.7V to 5.5V
V
OUT
Output Voltage Range
0.6
V
IN
V
I
Q
Quiescent Current
No Load
45
85
µA
I
SHDN
Shutdown Current
EN = GND
1.0
µA
I
LIM
P-Channel Current Limit
700
mA
R
DS(ON)H
High-Side Switch On Resistance
0.59
Ω
R
DS(ON)L
Low-Side Switch On Resistance
0.42
Ω
ΔV
Linereg/ΔVIN
Line Regulation
V
IN = 2.7V to 5.5V
0.2
%/V
V
FB
Feedback Threshold Voltage Accuracy
V
IN = 3.6V
0.591
0.600
0.609
V
I
FB
FB Leakage Current
V
OUT = 1.0V
0.2
µA
F
OSC
Oscillator Frequency
1.8
MHz
T
S
Startup Time
From Enable to Output
100
µs
Regulation
T
SD
Over-Temperature Shutdown Threshold
105
°C
T
HYS
Over-Temperature Shutdown Hysteresis
15
°C
V
EN(L)
Enable Threshold Low
0.6
V
V
EN(H)
Enable Threshold High
1.4
V
I
EN
Input Low Current
V
IN = VEN = 5.5V
-1.0
1.0
µA
1. The AAT2120 is guaranteed to meet performance specifications over the -40°C to +85°C operating temperature range and is assured
by design, characterization, and correlation with statistical process controls.
2. Output voltage tolerance is independent of feedback resistor network accuracy.
4
2120.2007.10.1.1
AAT2120
500mA Low Noise Step-Down Converter


Similar Part No. - AAT2120IES-0.6-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2120IES-0.6-T1 ANALOGICTECH-AAT2120IES-0.6-T1 Datasheet
684Kb / 19P
   500mA Low Noise Step-Down Converter
logo
Skyworks Solutions Inc.
AAT2120IES-0.6-T1 SKYWORKS-AAT2120IES-0.6-T1 Datasheet
1Mb / 19P
   Soft-Start Control
More results

Similar Description - AAT2120IES-0.6-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2120 ANALOGICTECH-AAT2120_08 Datasheet
684Kb / 19P
   500mA Low Noise Step-Down Converter
AAT1120 ANALOGICTECH-AAT1120 Datasheet
717Kb / 20P
   500mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1120 SKYWORKS-AAT1120 Datasheet
960Kb / 19P
   500mA Step-Down Converter
logo
Linear Technology
LTC3251 LINER-LTC3251 Datasheet
439Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3251-1.5 LINER-LTC3251-1.5_15 Datasheet
379Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3251 LINER-LTC3251_15 Datasheet
379Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3251-1.2 LINER-LTC3251-1.2_15 Datasheet
379Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
logo
Diodes Incorporated
AP8801_0912 DIODES-AP8801_0912 Datasheet
154Kb / 11P
   500mA LED Step-down Converter
AP8801 Rev. 4
AP8801 DIODES-AP8801 Datasheet
158Kb / 11P
   500mA LED Step-Down Converter
AP8801 Rev. 1
logo
Advanced Analogic Techn...
AAT2158_0810 ANALOGICTECH-AAT2158_0810 Datasheet
1Mb / 17P
   1.5A Low Noise Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com