Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3441 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SK3441
Description  Silicon N Channel MOS Type DC-DC Converter Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3441 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SK3441 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3441 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3441 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3441 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3441 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3441 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK3441
2006-11-17
3
Drain-source voltage VDS (V)
ID – VDS
Drain-source voltage VDS (V)
ID – VDS
Gate-source voltage VGS (V)
ID – VGS
Gate-source voltage VGS (V)
VDS – VGS
Drain current ID (A)
⎪Yfs⎪ – ID
Drain current ID (A)
RDS (ON) – ID
100
80
60
40
20
0
0
0.2
0.4
0.6
0.8
1.0
VGS = 3 V
3.6
3.8
6
8
10
Common source
Tc
= 25°C
Pulse test
4
3.4
3.2
0
20
40
80
120
0
Tc
= −55°C
1
2
3
4
6
Common source
VDS = 10 V
Pulse test
100
25
60
100
5
0
0.1
0.2
0.4
0.6
0
ID = 70 A
2
4
6
8
12
Common source
Tc
= 25°C
Pulse test
15
35
0.3
0.5
10
200
160
120
80
40
0
0
2
4
6
8
10
VGS = 3 V
4.5
10
3.8
5
4
3.6
3.4
3.2
Common source
Tc
= 25°C
Pulse test
Common source
Tc
= 25°C
Pulse test
1
10
5
30
3
50
1
10
100
3
5
30
50
10
VGS = 4 V
Common source
VDS = 10 V
Pulse test
25
100
Tc
= −55°C
5
50
30
100
10
300
1
10
100
3
5
30
50


Similar Part No. - 2SK3441

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3441 TOSHIBA-2SK3441 Datasheet
233Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
2SK3441 TOSHIBA-2SK3441 Datasheet
190Kb / 6P
   DC-DC Converter Applications
2SK3441 TOSHIBA-2SK3441_09 Datasheet
190Kb / 6P
   DC-DC Converter Applications
More results

Similar Description - 2SK3441

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3439 TOSHIBA-2SK3439_06 Datasheet
184Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter Applications
2SK3301 TOSHIBA-2SK3301_06 Datasheet
166Kb / 3P
   Silicon N Channel MOS Type Switching Regulatorand DC-DC Converter Applications
2SK3445 TOSHIBA-2SK3445_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
2SK3844 TOSHIBA-2SK3844 Datasheet
227Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
2SK3440 TOSHIBA-2SK3440_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
2SK3444 TOSHIBA-2SK3444_06 Datasheet
188Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
SSM3K12T TOSHIBA-SSM3K12T_07 Datasheet
214Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter
SSM3K14T TOSHIBA-SSM3K14T_07 Datasheet
215Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter
2SK3506 TOSHIBA-2SK3506_06 Datasheet
156Kb / 3P
   Silicon N Channel MOS Type Relay Drive and DC-DC Converter Applications
2SK2998 TOSHIBA-2SK2998_06 Datasheet
658Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com