Electronic Components Datasheet Search |
|
HU2C221KT Datasheet(PDF) 1 Page - DB Lectro Inc |
|
HU2C221KT Datasheet(HTML) 1 Page - DB Lectro Inc |
1 / 13 page HU Series CHIP TYPE, MID-TO-HIGH VOLTAGE Load life of 5000 hours with temperature up to +105 C Comply with the RoHS directive (2002/95/EC) SPECIFICATIONS Item Characteristics Operation Temperature Range -40 ~ +105°C Rated Working Voltage 160 ~ 450V Capacitance Tolerance ±20% at 120Hz, 20°C I 0.04CV + 100 ( A) whichever is greater (after 2 minutes) Leakage Current I: Leakage current ( A) C: Normal Capacitance ( F) V: Rated Voltage (V) Measurement frequency: 120Hz, Temperature: 20°C Rate voltage (V) 160 200 250 400 450 tan (max.) 0.15 0.15 0.15 0.20 0.20 Dissipation Factor Rated voltage (V) 160 200 250 400 450 Z(-25°C) / Z(20°C) 33366 Impedance ratio ZT/Z20 (max) Z(-40°C) / Z(20°C) 6 6 6 10 10 Low Temperature Characteristics (Impedance radio at 120Hz) Capacitance Change Within 20% of initial value Dissipation Factor 200% or less of initial specified value Leakage Current initial specified value or less Load Life (After 5000 hours application of the rated voltage at 105°C) After reflow soldering according to Reflow Soldering Condition (see page 8) and restored at room temperature, they meet the characteristics requirements list as bellow. Capacitance Change Within 10% of initial value Dissipation Factor initial specified value or less Leakage Current initial specified value or less Resistance to Soldering Heat Reference Standard JIS C-5141 and JIS C-5102 DRAWING (Unit: mm) DIMENSIONS (Unit: mm) D x L 12.5 x 13.5 12.5 x 16 16 x 16.5 16 x 21.5 A 4.7 4.7 5.5 5.5 B 13.0 13.0 17.0 17.0 C 13.0 13.0 17.0 17.0 E 0.2 4.6 4.6 6.7 6.7 L 13.5 16.0 16.5 21.5 [Safety vent for product where diameter is more than 12.5mm] |
Similar Part No. - HU2C221KT |
|
Similar Description - HU2C221KT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |