Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD400R12KF4 Datasheet(PDF) 3 Page - eupec GmbH

Part # FD400R12KF4
Description  Marketing Information
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FD400R12KF4 Datasheet(HTML) 3 Page - eupec GmbH

  FD400R12KF4 Datasheet HTML 1Page - eupec GmbH FD400R12KF4 Datasheet HTML 2Page - eupec GmbH FD400R12KF4 Datasheet HTML 3Page - eupec GmbH FD400R12KF4 Datasheet HTML 4Page - eupec GmbH FD400R12KF4 Datasheet HTML 5Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FD 400 R12 KF4
FD400R12KF4
iC
[A]
Bild/Fig. 3
Übertragungscharakteristik (typisch)
Transfer characteristic (typical)
VCE = 20 V
v GE [V]
5
6
7
8
9
10
11
12
0
t vj =
125 °C
25 °C
FD400R12KF4
iC
[A]
Bild/Fig. 4
Rückwärts-Arbeitsbereich
Reverse biased safe operating area
tvj = 125 °C, vLF = vLR = 15 V, RG = 3,6
v CE [V]
0
0
400
600
800
1000
200
1200
1000
1400
200
400
600
800
FD400R12KF4
iC
[A]
Bild/Fig. 1
Kollektor-Emitter-Spannung im Sättigungsbereich (typisch)
Collector-emitter-voltage in saturation region (typical)
V
GE = 15V
-----Tvj = 25 °C
___Tvj = 125 °C
v CE [V]
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
200
800
400
600
FD400R12KF4
iC
[A]
Bild/Fig. 2
Kollektor-Emitter-Spannung im Sättigungsbereich (typisch)
Collector-emitter-voltage in saturation region (typical)
tvj = 125 °C
v CE [V]
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
8 V
9 V
10 V
12 V
15 V
V GE = 20 V
100
300
500
700
200
800
400
600
100
300
500
700
200
800
400
600
100
300
500
700


Similar Part No. - FD400R12KF4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FD400R12KE3 INFINEON-FD400R12KE3 Datasheet
497Kb / 9P
   62mm C-Serien Modul mit Trench/Feldstop IGBT3 und Emitter Controlled High Efficiency Diode
2013-10-03 revision:3.0
logo
eupec GmbH
FD400R12KE3_B5 EUPEC-FD400R12KE3_B5 Datasheet
274Kb / 8P
   62mm C-series module with trench/fieldstop IGBT3 and EmCon High Efficiency series diode
logo
Infineon Technologies A...
FD400R12KE3_B5 INFINEON-FD400R12KE3_B5 Datasheet
434Kb / 8P
   62mm C-Serien Modul mit Trench/Feldstop IGBT3 und Emitter Controlled High Efficiency Reihendiode
2013-10-03 revision:2.0
More results

Similar Description - FD400R12KF4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TT250N ETC-TT250N Datasheet
191Kb / 5P
   Marketing Information
logo
eupec GmbH
DD82S EUPEC-DD82S Datasheet
161Kb / 3P
   Marketing Information
TT200F EUPEC-TT200F Datasheet
548Kb / 7P
   MARKETING INFORMATION TT200F
logo
Dallas Semiconductor
56-G6005-001 DALLAS-56-G6005-001 Datasheet
46Kb / 1P
   MARKETING OUTLINE - 16L CHIP SCALE BGA
logo
eupec GmbH
FD200R12KE3 EUPEC-FD200R12KE3 Datasheet
172Kb / 9P
   Technische Information / technical information
FS50R12KT3 EUPEC-FS50R12KT3 Datasheet
316Kb / 8P
   echnische Information / technical information
logo
Infineon Technologies A...
DF900R12IP4DV INFINEON-DF900R12IP4DV Datasheet
1Mb / 9P
   Technische Information / Technical Information
2014-04-28 revision:2.0
DDB6U205N16L INFINEON-DDB6U205N16L Datasheet
285Kb / 7P
   Technische Information / Technical Information
rev.2
logo
eupec GmbH
FZ300R12KE3G EUPEC-FZ300R12KE3G Datasheet
288Kb / 8P
   Technische Information / technical information
BSM150GB120DLC EUPEC-BSM150GB120DLC Datasheet
90Kb / 8P
   Technische Information / Technical Information
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com