Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN2323A Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # RN2323A
Description  Silicon PNP Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN2323A Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button RN2323A Datasheet HTML 3Page - Toshiba Semiconductor RN2323A Datasheet HTML 4Page - Toshiba Semiconductor RN2323A Datasheet HTML 5Page - Toshiba Semiconductor RN2323A Datasheet HTML 6Page - Toshiba Semiconductor RN2323A Datasheet HTML 7Page - Toshiba Semiconductor RN2323A Datasheet HTML 8Page - Toshiba Semiconductor RN2323A Datasheet HTML 9Page - Toshiba Semiconductor RN2323A Datasheet HTML 10Page - Toshiba Semiconductor RN2323A Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
RN2321A
∼RN2327A
2007-11-01
7
IC - VI(ON)
-0.1
-1
-10
-100
-1000
-0.1
-1
-10
-100
INPUT VOLTAGE VI(ON) (V)
COMMON EMITTER
VCE=- 0.2V
RN2325A
IC - VI(OFF)
-10
-100
-1000
-10000
0
-0.5
-1
-1.5
-2
INPUT VOLTAGE VI(OFF) (V)
COMMON EMITTER
VCE=- 5V
RN2325A
hFE - IC
1
10
100
1000
-1
-10
-100
-1000
COLLECTOR CURRENT IC (mA)
COMMON EMITTER
VCE=- 1V
RN2325A
VCE(sat) - IC
-0.01
-0.1
-1
-10
-100
-1000
COLLECTOR CURRENT IC (mA)
COMMON EMITTER
IC/IB=50
RN2325A
Ta=100°C
Ta=100°C
Ta=100°C
Ta=100°C
25
25
25
25
- 25
- 25
- 25
- 25


Similar Part No. - RN2323A

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
RN232-0.6-02-47M SCHAFFNER-RN232-0.6-02-47M Datasheet
1Mb / 9P
   Current-compensated Chokes
RN232-1-02-18M SCHAFFNER-RN232-1-02-18M Datasheet
1Mb / 9P
   Current-compensated Chokes
logo
List of Unclassifed Man...
RN232-1.6-02 ETC2-RN232-1.6-02 Datasheet
700Kb / 6P
   Current-compensated Chokes
May 2011
logo
Schaffner International...
RN232-1.6-02-10M SCHAFFNER-RN232-1.6-02-10M Datasheet
1Mb / 9P
   Current-compensated Chokes
logo
List of Unclassifed Man...
RN232-2.5-02 ETC2-RN232-2.5-02 Datasheet
700Kb / 6P
   Current-compensated Chokes
May 2011
More results

Similar Description - RN2323A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2907 TOSHIBA-RN2907_07 Datasheet
313Kb / 6P
   Silicon PNP Epitaxial Type (PCT Process)Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN2101 TOSHIBA-RN2101_07 Datasheet
572Kb / 8P
   Silicon PNP Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1414 TOSHIBA-RN1414_07 Datasheet
184Kb / 8P
   Silicon NPN Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1421 TOSHIBA-RN1421_07 Datasheet
547Kb / 8P
   Silicon NPN Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN2421 TOSHIBA-RN2421 Datasheet
332Kb / 8P
   PNP EPITAXIAL TYPE (SWITCHING, INVERTER CIRCUIT, INTERFACE CIRCUIT AND DRIVER CIRCUIT APPLICATIONS)
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN4983 TOSHIBA-RN4983 Datasheet
152Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1701 TOSHIBA-RN1701 Datasheet
258Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1107 TOSHIBA-RN1107 Datasheet
175Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401 Datasheet
253Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com