Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN2324A Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # RN2324A
Description  Silicon PNP Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN2324A Datasheet(HTML) 2 Page - Toshiba Semiconductor

  RN2324A Datasheet HTML 1Page - Toshiba Semiconductor RN2324A Datasheet HTML 2Page - Toshiba Semiconductor RN2324A Datasheet HTML 3Page - Toshiba Semiconductor RN2324A Datasheet HTML 4Page - Toshiba Semiconductor RN2324A Datasheet HTML 5Page - Toshiba Semiconductor RN2324A Datasheet HTML 6Page - Toshiba Semiconductor RN2324A Datasheet HTML 7Page - Toshiba Semiconductor RN2324A Datasheet HTML 8Page - Toshiba Semiconductor RN2324A Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RN2321A
∼RN2327A
2007-11-01
2
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICBO
VCB = −15V, IE = 0
−100
Collector cut-off
current
RN2321A~2327A
ICEO
VCE = −12V, IB = 0
−500
nA
RN2321A
−3.85
−7.14
RN2322A
−1.75
−3.25
RN2323A
−0.82
−1.52
RN2324A
VEB =−10V, IC = 0
−0.38
−0.71
RN2325A
−0.365
−0.682
RN2326A
VEB = −5V, IC = 0
−0.35
−0.65
Emitter cut-off current
RN2327A
IEBO
VEB = −6V, IC = 0
−0.378
−0.703
mA
RN2321A
35
RN2322A
65
RN2323A
100
RN2324A
140
RN2325A
140
RN2326A
140
DC current gain
RN2327A
hFE
VCE = −1V, IC =−50mA
140
RN2321A
IC = −50mA, IB =−2mA
Collector-emitter
saturation voltage
RN2322A~2327A
VCE (sat)
IC = −50mA, IB =−1mA
−0.25
V
RN2321A
−1.0
−2.4
RN2322A
−1.1
−2.7
RN2323A
−1.3
−3.5
RN2324A
−1.5
−5.2
RN2325A
−0.5
−1.2
RN2326A
−0.6
−1.4
Input voltage (ON)
RN2327A
VI (ON)
VCE =−0.2V, IC =−50mA
−0.7
−1.9
V
RN2321A~2324A
−0.8
−1.4
RN2325A, 2326A
−0.4
−0.8
Input voltage (OFF)
RN2327A
VI (OFF)
VCE = −5V, IC = −0.1mA
−0.5
−1.0
V
Transition frequency
RN2321A~2327A
fT
VCE =−5V, IC =−20mA
200
MHz
Collector Output
capacitance
RN2321A~2327A
Cob
VCB = 10V, IE = 0,
f = 1MHz
5
pF
RN2321A
0.7
1
1.3
RN2322A
1.54
2.2
2.86
RN2323A
3.29
4.7
6.11
RN2324A
7
10
13
RN2325A
0.329
0.47
0.611
RN2326A
0.7
1
1.3
Input resistor
RN2327A
R1
1.54
2.2
2.86
k
Ω
RN2321A~2324A
0.85
1.0
1.15
RN2325A
0.040
0.047
0.054
RN2326A
0.085
0.1
0.115
Resistor ratio
RN2327A
R1/R2
0.187
0.220
0.253


Similar Part No. - RN2324A

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
RN232-0.6-02-47M SCHAFFNER-RN232-0.6-02-47M Datasheet
1Mb / 9P
   Current-compensated Chokes
RN232-1-02-18M SCHAFFNER-RN232-1-02-18M Datasheet
1Mb / 9P
   Current-compensated Chokes
logo
List of Unclassifed Man...
RN232-1.6-02 ETC2-RN232-1.6-02 Datasheet
700Kb / 6P
   Current-compensated Chokes
May 2011
logo
Schaffner International...
RN232-1.6-02-10M SCHAFFNER-RN232-1.6-02-10M Datasheet
1Mb / 9P
   Current-compensated Chokes
logo
List of Unclassifed Man...
RN232-2.5-02 ETC2-RN232-2.5-02 Datasheet
700Kb / 6P
   Current-compensated Chokes
May 2011
More results

Similar Description - RN2324A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2907 TOSHIBA-RN2907_07 Datasheet
313Kb / 6P
   Silicon PNP Epitaxial Type (PCT Process)Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN2101 TOSHIBA-RN2101_07 Datasheet
572Kb / 8P
   Silicon PNP Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1414 TOSHIBA-RN1414_07 Datasheet
184Kb / 8P
   Silicon NPN Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1421 TOSHIBA-RN1421_07 Datasheet
547Kb / 8P
   Silicon NPN Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN2421 TOSHIBA-RN2421 Datasheet
332Kb / 8P
   PNP EPITAXIAL TYPE (SWITCHING, INVERTER CIRCUIT, INTERFACE CIRCUIT AND DRIVER CIRCUIT APPLICATIONS)
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN4983 TOSHIBA-RN4983 Datasheet
152Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1701 TOSHIBA-RN1701 Datasheet
258Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1107 TOSHIBA-RN1107 Datasheet
175Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401 Datasheet
253Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com