Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4411 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # MP4411
Description  High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP4411 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  MP4411_07 Datasheet HTML 1Page - Toshiba Semiconductor MP4411_07 Datasheet HTML 2Page - Toshiba Semiconductor MP4411_07 Datasheet HTML 3Page - Toshiba Semiconductor MP4411_07 Datasheet HTML 4Page - Toshiba Semiconductor MP4411_07 Datasheet HTML 5Page - Toshiba Semiconductor MP4411_07 Datasheet HTML 6Page - Toshiba Semiconductor MP4411_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MP4411
2006-10-27
2
Array Configuration
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance from channel to
ambient
(4-device operation, Ta = 25°C)
ΣRth (ch-a)
28.4
°C/W
Thermal resistance from channel to
case
(4-device operation, Tc = 25°C)
ΣRth (ch-c)
4.46
°C/W
Maximum lead temperature for
soldering purposes
(3.2 mm from case for t = 10 s)
TL
260
°C
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
μA
Drain cut-off current
IDSS
VDS = 100 V, VGS = 0 V
100
μA
Drain-source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
100
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
0.8
2.0
V
VGS = 4 V, ID = 2 A
0.36
0.45
Drain-source ON resistance
RDS (ON)
VGS = 10 V, ID = 2 A
0.28
0.35
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 2 A
1.5
3.5
S
Input capacitance
Ciss
280
pF
Reverse transfer capacitance
Crss
50
pF
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
105
pF
Rise time
tr
20
Turn-on time
ton
50
Fall time
tf
40
Switching time
Turn-off time
toff
VIN: tr, tf < 5 ns, duty ≤ 1%, tw = 10 μs
170
ns
Total gate charge
(gate-source plus gate-drain)
Qg
13.5
nC
Gate-source charge
Qgs
8.5
nC
Gate-drain (“miller”) charge
Qgd
VDD ≈ 80 V, VGS = 10 V, ID = 3 A
5
nC
10 V
VGS
VDD ≈ 50 V
ID = 2 A
VOUT
0 V
5
4
2
3
1
6
12
11
9
10
8
7


Similar Part No. - MP4411_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP4411 TOSHIBA-MP4411 Datasheet
194Kb / 7P
   TOSHIBA Power MOS FET Module Silicon N Channel MOS Type (Four L2-PIE-MOSV in One)
More results

Similar Description - MP4411_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP4209 TOSHIBA-MP4209_07 Datasheet
173Kb / 7P
   High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
MP4412 TOSHIBA-MP4412_07 Datasheet
179Kb / 8P
   High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
MP4211 TOSHIBA-MP4211_07 Datasheet
173Kb / 7P
   High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
MP4210 TOSHIBA-MP4210_07 Datasheet
172Kb / 7P
   High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
MP4209 TOSHIBA-MP4209 Datasheet
320Kb / 5P
   N CHANNEL MOS TYPE HIGH POER, HIGH SPEED SWITCHING APPLICATIONS, FOR PRINTER HEAD PIN DRIVER AND PULSE MOTOR DRIVER FOR SOLENOID DRIVER)
logo
Rohm
BD6794EFV ROHM-BD6794EFV Datasheet
325Kb / 6P
   1chip motor driver for printer
logo
Sanyo Semicon Device
LC4608C SANYO-LC4608C Datasheet
177Kb / 11P
   Printer Head Driver
logo
National Semiconductor ...
DS3654 NSC-DS3654 Datasheet
112Kb / 4P
   Printer Solenoid Driver
logo
Sanken electric
2SB1351 SANKEN-2SB1351 Datasheet
25Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Driver for Printer Head, Solenoid, Relay, Motor and General Purpose)
2SB1352 SANKEN-2SB1352 Datasheet
25Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Driver for Printer Head, Solenoid, Relay, Motor and General Purpose)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com