Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-AU83AH Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # S-AU83AH
Description  RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32-W COMMERCIAL UHF RADIO APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

S-AU83AH Datasheet(HTML) 2 Page - Toshiba Semiconductor

  S-AU83AH Datasheet HTML 1Page - Toshiba Semiconductor S-AU83AH Datasheet HTML 2Page - Toshiba Semiconductor S-AU83AH Datasheet HTML 3Page - Toshiba Semiconductor S-AU83AH Datasheet HTML 4Page - Toshiba Semiconductor S-AU83AH Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
S-AU83AH
2007-06-21
2
PACKAGE OUTLINE
ELECTRICAL CHARACTERISTICS (Tc = 25°C, ZG = 50Ω)
CHARACTERISTICS
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Frequency Range
frange
450
520
MHz
Output Power
Po
32
W
Power Gain
Gp
28
dB
Total Efficiency
ηT
40
%
Input VSWR
VSWRin
3.0
Second Harmonic
2nd HRM
VDD = 12.5 V
VGG = 5 V
Pi = 50 mW
ZL = 50 Ω
-30
dB
Third Harmonic
3rd HRM
-30
dB
Ruggedness
10.5 V
≤ VDD ≤ 16.5 V, 0 V ≤ VGG ≤ VGGajs
(VGG = VGGajs @ Po = 32 W)
Pi = 50 mW
Po = 32 W (Adjusted via VGG @ ZL = 50Ω)
VSWR LOAD 20: 1 ALL PHASE (@ 2 s)
No Damage
Stability
10.5 V
≤ VDD ≤ 16.5 V, 0 V ≤ VGG ≤ VGGajs
(VGG = VGGajs @ Po = 32W)
Pi = 50 mW
Po ≤ 32 W (Adjusted via VGG @ ZL = 50Ω)
VSWR LOAD 3: 1 ALL PHASE
No spurious output
of -60 dB or greater
Note 5:The output power is intended to follow the rating provided in Figure 1 in Note 2.
Note 6: Stability
Measurements are performed under the conditions where VSWR is at 3:1 through all phases over the whole frequency
range, and they are guaranteed only under those conditions. Even though it is guaranteed to be stable where VSWR is
at 3:1, the VSWR load over the operating frequency should be designed to be 50 Ω .At the same time, ensure that the
VSWR load does not deviate much from 50Ω even for a moment, nor deviate even a little from 50Ω continually. The
S-AU82AL is not intended for such operations, and proper operation under such conditions is not guaranteed due to the
possibilities of heat generation in the module and its applications.
RF Input
VGG
VDD
RF Output
GROUND(Flange)
JEDEC
JEITA
TOSHIBA
5-53P
Weight: 35 g
Unit: mm


Similar Part No. - S-AU83AH

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
S-AU83AL TOSHIBA-S-AU83AL Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32-W COMMERCIAL UHF RADIO APPLICATIONS
More results

Similar Description - S-AU83AH

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
S-AU83AL TOSHIBA-S-AU83AL Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32-W COMMERCIAL UHF RADIO APPLICATIONS
S-AU93A TOSHIBA-S-AU93A Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS
S-AU82AH TOSHIBA-S-AU82AH Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS
S-AU82AL TOSHIBA-S-AU82AL Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS
S-AU82AVL TOSHIBA-S-AU82AVL Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS
S-AV35A TOSHIBA-S-AV35A Datasheet
179Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32-W COMMERCIAL VHF RADIO APPLICATIONS
S-AV37A TOSHIBA-S-AV37A Datasheet
179Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32-W COMMERCIAL VHF RADIO APPLICATIONS
S-AV32A TOSHIBA-S-AV32A Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL VHF RADIO APPLICATIONS
S-AV36A TOSHIBA-S-AV36A Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 80-W COMMERCIAL VHF RADIO APPLICATIONS
S-AV33A TOSHIBA-S-AV33A Datasheet
185Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32W COMMERCIAL VHF RADIO APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com