Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


2SK3569 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. 2SK3569
Description  Silicon N Channel MOS Type Switching Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 1 page
background image
2SK3569
2006-11-08
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π-MOSVI)
2SK3569
Switching Regulator Applications
• Low drain-source ON resistance: RDS (ON) = 0.54Ω (typ.)
• High forward transfer admittance: |Yfs| = 8.5S (typ.)
• Low leakage current: IDSS = 100 μA (VDS = 600 V)
• Enhancement mode: Vth = 2.0~4.0 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
600
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
600
V
Gate-source voltage
VGSS
±30
V
DC
(Note 1)
ID
10
Drain current
Pulse (t
= 1 ms)
(Note 1)
IDP
40
A
Drain power dissipation (Tc
= 25°C)
PD
45
W
Single pulse avalanche energy
(Note 2)
EAS
363
mJ
Avalanche current
IAR
10
A
Repetitive avalanche energy (Note 3)
EAR
4.5
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
-55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch-c)
2.78
°C/W
Thermal resistance, channel to ambient
Rth (ch-a)
62.5
°C/W
Note 1: Ensure that the channel temperature does not exceed 150℃.
Note 2: VDD = 90 V, Tch = 25°C(initial), L = 6.36 mH, IAR = 10 A, RG = 25 Ω
Note 3: Repetitive rating: pulse width limited by maximum channel temperature
This transistor is an electrostatic-sensitive device. Please handle with caution.
Unit: mm
1: Gate
2: Drain
3: Source
JEDEC
JEITA
SC-67
TOSHIBA
2-10U1B
Weight : 1.7 g (typ.)
1
3
2




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
2SK2605_06Silicon N Channel MOS Type Switching Regulator Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK2965_06Silicon N Channel MOS Type Switching Regulator DC−DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3236_06Silicon N Channel MOS Type Switching Regulator Applications DC-DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3388_06Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3440_06Silicon N Channel MOS Type Switching Regulator DC-DC Converter Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3565_06Silicon N Channel MOS Type Switching Regulator Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3389_06Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3566Silicon N Channel MOS Type Switching Regulator Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK2508_06Silicon N Channel MOS Type Switching Regulator and DC−DC Converter and Motor Applications 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl