Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3754 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK3754
Description  Silicon N Channel MOS Type Relay Drive, DC−DC Converter and Motor Drive Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3754 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK3754 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3754 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3754 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SK3754
2006-11-16
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
2SK3754
Relay Drive, DC−DC Converter and
Motor Drive Applications
• 4.5-V gate drive
• Low drain-source ON resistance: RDS (ON) = 71 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 5.0 S (typ.)
• Low leakage current: IDSS = 10 μA (max) (VDS = 30 V)
• Enhancement-model: Vth = 1.3~2.5 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
30
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
30
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
5
Drain current
Pulse
(Note 1)
IDP
15
A
Drain power dissipation (Tc
= 25°C)
PD
25
W
Single pulse avalanche energy
(Note 2)
EAS
4.0
mJ
Avalanche current
IAR
2.5
A
Repetitive avalanche energy (Note 3)
EAR
2.5
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch-c)
5.0
°C/W
Thermal resistance, channel to ambient
Rth (ch-a)
62.5
°C/W
Note 1: Please use devices on conditions that the channel temperature is below 150°C.
Note 2: VDD =24 V, Tch = 25°C (initial), L = 0.5 mH, RG = 25 Ω, IAR = 2.5 A
Note 3: Repetitive rating: Pulse width limited by maximum channel temperature
This transistor is an electrostatic sensitive device. Please handle with caution.
Unit: mm
JEDEC
JEITA
SC-67
TOSHIBA
2-10R1B
Weight: 1.9 g (typ.)


Similar Part No. - 2SK3754

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3754 TOSHIBA-2SK3754 Datasheet
139Kb / 3P
   Relay Drive, DC?묭C Converter
2SK3754 TOSHIBA-2SK3754_09 Datasheet
139Kb / 3P
   Relay Drive, DC?묭C Converter
More results

Similar Description - 2SK3754

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2968 TOSHIBA-2SK2968_06 Datasheet
693Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2545 TOSHIBA-2SK2545_06 Datasheet
713Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2916 TOSHIBA-2SK2916_06 Datasheet
714Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2606 TOSHIBA-2SK2606_06 Datasheet
151Kb / 3P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2698 TOSHIBA-2SK2698_06 Datasheet
709Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2549 TOSHIBA-2SK2549_06 Datasheet
677Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2601 TOSHIBA-2SK2601_06 Datasheet
707Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2991 TOSHIBA-2SK2991_06 Datasheet
767Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter Relay Drive and Motor Drive Applications
2SK2611 TOSHIBA-2SK2611_06 Datasheet
701Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2615 TOSHIBA-2SK2615_06 Datasheet
648Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com