Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3766 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SK3766
Description  Silicon N-Channel MOS Type Switching Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3766 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SK3766 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3766 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3766 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3766 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3766 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3766 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SK3766
2006-11-06
4
0
100
200
300
400
500
02
46
8
10
12
0
4
8
12
16
20
VDS
VGS
VDD=400V
90
200
COMMON SOURCE
I= 2.0A
Tc = 25℃
PULSE TEST
0
1
2
3
4
5
6
-80
-40
0
40
80
120
160
COMMON SOURCE
VDS = 10V
I= 1mA
PULSE TEST
1
10
100
1000
0.1
1
10
100
Ciss
Crss
Coss
COMMON SOURCE
VGS = 0V
f = 1MHz
Tc = 25℃
0.01
0.1
1
10
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
10
3
1
VGS=0,-1V
COMMON SOURCE
Tc = 25℃
PULSE TEST
5
RDS (ON) – Tc
IDR – VDS
Vth – Tc
PD – Tc
CASE TEMPERATURE Tc
(°C)
DRAIN
−SOURCE VOLTAGE VDS (V)
DRAIN
−SOURCE VOLTAGE VDS (V)
CAPACITANCE – VDS
CASE TEMPERATURE Tc
(°C)
CASE TEMPERATURE Tc
(°C)
TOTAL GATE CHARGE Qg (nC)
DYNAMIC INPUT/OUTPUT
CHARACTERISTICS
0
10
2
6
4
8
−40
−80
160
0
40
80
COMMON SOURCE
VGS = 10 V
PULSE TEST
ID = 2 A
0.5
1.0
120
50
10
30
20
40
0
0
80
120
200
40
160


Similar Part No. - 2SK3766

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3766 TOSHIBA-2SK3766 Datasheet
259Kb / 6P
   Switching Regulator Applications
2SK3766 TOSHIBA-2SK3766 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK3766 TOSHIBA-2SK3766_09 Datasheet
259Kb / 6P
   Switching Regulator Applications
More results

Similar Description - 2SK3766

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3767 TOSHIBA-2SK3767 Datasheet
228Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3309 TOSHIBA-2SK3309_06 Datasheet
220Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3374 TOSHIBA-2SK3374_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3407 TOSHIBA-2SK3407_06 Datasheet
192Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3473 TOSHIBA-2SK3473_06 Datasheet
230Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3667 TOSHIBA-2SK3667_06 Datasheet
222Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3742 TOSHIBA-2SK3742 Datasheet
219Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3798 TOSHIBA-2SK3798_06 Datasheet
217Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3878 TOSHIBA-2SK3878 Datasheet
210Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3879 TOSHIBA-2SK3879 Datasheet
292Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3880 TOSHIBA-2SK3880_06 Datasheet
245Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com