Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN1324A Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # RN1324A
Description  Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1324A Datasheet(HTML) 4 Page - Toshiba Semiconductor

  RN1324A Datasheet HTML 1Page - Toshiba Semiconductor RN1324A Datasheet HTML 2Page - Toshiba Semiconductor RN1324A Datasheet HTML 3Page - Toshiba Semiconductor RN1324A Datasheet HTML 4Page - Toshiba Semiconductor RN1324A Datasheet HTML 5Page - Toshiba Semiconductor RN1324A Datasheet HTML 6Page - Toshiba Semiconductor RN1324A Datasheet HTML 7Page - Toshiba Semiconductor RN1324A Datasheet HTML 8Page - Toshiba Semiconductor RN1324A Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RN1321A
∼RN1327A
2007-11-01
4
IC - VI(ON)
0.1
1
10
100
1000
0.1
1
10
100
INPUT VOLTAGE VI(ON)(V)
COMMON
EMITTER
VCE=0.2V
25
-25
RN1322A
IC - VI(OFF)
10
100
1000
10000
00.51
1.52
INPUT VOLTAGE V(OFF)(V)
COMMON
EMITTER
VCE=5V
25
-25
RN1322A
hFE - IC
1
10
100
1000
1
10
100
1000
COLLECTOR CURRENT IC(mA)
COMMON EMITTER
VCE=1V
25
-25
RN1322A
VCE(sat) - IC
0.01
0.1
1
10
100
1000
COLLECTOR CURRENT IC(mA)
COMMON EMITTER
IC/IB=50
25
-25
RN1322A
Ta=100°C
Ta=100°C
Ta=100°C
Ta=100°C


Similar Part No. - RN1324A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN1301 TOSHIBA-RN1301 Datasheet
251Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1301 TOSHIBA-RN1301 Datasheet
462Kb / 8P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
RN1302 TOSHIBA-RN1302 Datasheet
251Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1302 TOSHIBA-RN1302 Datasheet
462Kb / 8P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
RN1302TE85LF TOSHIBA-RN1302TE85LF Datasheet
462Kb / 8P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
More results

Similar Description - RN1324A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN4983 TOSHIBA-RN4983 Datasheet
152Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1701 TOSHIBA-RN1701 Datasheet
258Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1107 TOSHIBA-RN1107 Datasheet
175Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401 Datasheet
253Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN1110F TOSHIBA-RN1110F Datasheet
159Kb / 5P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN47A4 TOSHIBA-RN47A4_07 Datasheet
301Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A3 TOSHIBA-RN47A3_07 Datasheet
284Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1210 TOSHIBA-RN1210_07 Datasheet
252Kb / 4P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com