Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3947 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK3947
Description  Silicon N-Channel MOS Type Switching Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3947 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK3947 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3947 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3947 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3947 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3947 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3947 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK3947
2006-11-08
1
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (π-MOSVI)
2SK3947
Switching Regulator Applications
• Low drain-source ON-resistance: RDS (ON) = 1.1 Ω (typ.)
• High forward transfer admittance: |Yfs| = 5.0S (typ.)
• Low leakage current: IDSS = 100 μA (VDS = 600 V)
• Enhancement mode: Vth = 2.0~4.0 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
600
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
600
V
Gate-source voltage
VGSS
±30
V
DC
(Note 1)
ID
6
Drain current
Pulse (t
= 1 ms)
(Note 1)
IDP
24
A
Drain power dissipation (Tc
= 25°C)
PD
40
W
Single-pulse avalanche energy
(Note 2)
EAS
345
mJ
Avalanche current
IAR
6
A
Repetitive avalanche energy (Note 3)
EAR
4
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristic
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch-c)
3.125
°C/W
Thermal resistance, channel to ambient
Rth (ch-a)
62.5
°C/W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = 90 V, Tch = 25°C (initial), L = 16.8 mH, IAR = 6 A, RG = 25 Ω
Note 3: Repetitive rating: Pulse width limited by maximum channel temperature
This transistor is an electrostatic-sensitive device. Handle with care.
Unit: mm
1: Gate
2: Drain
3: Source
JEDEC
JEITA
SC-67
TOSHIBA
2-10U1B
Weight: 1.7 g (typ.)
1
3
2


Similar Part No. - 2SK3947

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3947 TOSHIBA-2SK3947 Datasheet
166Kb / 6P
   Switching Regulator Applications
2SK3947 TOSHIBA-2SK3947 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK3947 ISC-2SK3947 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3947 TOSHIBA-2SK3947_09 Datasheet
166Kb / 6P
   Switching Regulator Applications
More results

Similar Description - 2SK3947

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3767 TOSHIBA-2SK3767 Datasheet
228Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3309 TOSHIBA-2SK3309_06 Datasheet
220Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3374 TOSHIBA-2SK3374_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3407 TOSHIBA-2SK3407_06 Datasheet
192Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3473 TOSHIBA-2SK3473_06 Datasheet
230Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3667 TOSHIBA-2SK3667_06 Datasheet
222Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3742 TOSHIBA-2SK3742 Datasheet
219Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3798 TOSHIBA-2SK3798_06 Datasheet
217Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3878 TOSHIBA-2SK3878 Datasheet
210Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3879 TOSHIBA-2SK3879 Datasheet
292Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3880 TOSHIBA-2SK3880_06 Datasheet
245Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com