Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QM50DY-2H Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # QM50DY-2H
Description  MEDIUM POWER SWITCHING USE INSULATED TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

QM50DY-2H Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  QM50DY-2H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor QM50DY-2H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor QM50DY-2H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor QM50DY-2H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor QM50DY-2H Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Feb.1999
ABSOLUTE MAXIMUM RATINGS (Tj=25
°C, unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Tj=25
°C, unless otherwise noted)
Unit
mA
mA
mA
V
V
V
µs
µs
µs
°C/W
°C/W
°C/W
Limits
Min.
75/100
Symbol
VCEX (SUS)
VCEX
VCBO
VEBO
IC
–IC
PC
IB
–ICSM
Tj
Tstg
Viso
Parameter
Collector-emitter voltage
Collector-emitter voltage
Collector-base voltage
Emitter-base voltage
Collector current
Collector reverse current
Collector dissipation
Base current
Surge collector reverse current
(forward diode current)
Junction temperature
Storage temperature
Isolation voltage
Mounting torque
Weight
Conditions
IC=1A, VEB=2V
VEB=2V
Emitter open
Collector open
DC
DC (forward diode current)
TC=25
°C
DC
Peak value of one cycle of 60Hz (half wave)
Charged part to case, AC for 1 minute
Main terminal screw M5
Mounting screw M6
Typical value
Ratings
1000
1000
1000
7
50
50
400
3
500
–40~+150
–40~+125
2500
1.47~1.96
15~20
1.96~2.94
20~30
210
Unit
V
V
V
V
A
A
W
A
A
°C
°C
V
N·m
kg·cm
N·m
kg·cm
g
Symbol
ICEX
ICBO
IEBO
VCE (sat)
VBE (sat)
–VCEO
hFE
ton
ts
tf
Rth (j-c) Q
Rth (j-c) R
Rth (c-f)
Parameter
Collector cutoff current
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
Base-emitter saturation voltage
Collector-emitter reverse voltage
DC current gain
Switching time
Thermal resistance
(junction to case)
Contact thermal resistance
(case to fin)
Test conditions
VCE=1000V, VEB=2V
VCB=1000V, Emitter open
VEB=7V
IC=50A, IB=1A
–IC=50A (diode forward voltage)
IC=50A, VCE=2.8V/5V
VCC=600V, IC=50A, IB1=–IB2=1A
Transistor part (per 1/2 module)
Diode part (per 1/2 module)
Conductive grease applied (per 1/2 module)
Typ.
Max.
1.0
1.0
200
2.5
3.5
1.8
2.5
15
3.0
0.31
1.2
0.15
MITSUBISHI TRANSISTOR MODULES
QM50DY-2H
MEDIUM POWER SWITCHING USE
INSULATED TYPE


Similar Part No. - QM50DY-2H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM50DY-2HB MITSUBISHI-QM50DY-2HB Datasheet
79Kb / 5P
   TRANSISTOR MODULES MEDIUM POWER SWITCHING USE
More results

Similar Description - QM50DY-2H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM15TG-9B MITSUBISHI-QM15TG-9B Datasheet
73Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50HA-H MITSUBISHI-QM50HA-H Datasheet
61Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM15TB-2H MITSUBISHI-QM15TB-2H Datasheet
78Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50DY-H MITSUBISHI-QM50DY-H Datasheet
70Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM15HA-H MITSUBISHI-QM15HA-H Datasheet
62Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50DY-24B MITSUBISHI-QM50DY-24B Datasheet
78Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
CM50TF-24H MITSUBISHI-CM50TF-24H Datasheet
57Kb / 4P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30TF-HB MITSUBISHI-QM30TF-HB Datasheet
88Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30DY-H MITSUBISHI-QM30DY-H Datasheet
69Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
CM15MD-24H MITSUBISHI-CM15MD-24H Datasheet
154Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50TB-2HB MITSUBISHI-QM50TB-2HB Datasheet
86Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com