Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN1106F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # RN1106F
Description  Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1106F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  RN1106F Datasheet HTML 1Page - Toshiba Semiconductor RN1106F Datasheet HTML 2Page - Toshiba Semiconductor RN1106F Datasheet HTML 3Page - Toshiba Semiconductor RN1106F Datasheet HTML 4Page - Toshiba Semiconductor RN1106F Datasheet HTML 5Page - Toshiba Semiconductor RN1106F Datasheet HTML 6Page - Toshiba Semiconductor RN1106F Datasheet HTML 7Page - Toshiba Semiconductor RN1106F Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RN1101F
∼RN1106F
2007-11-01
2
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICBO
VCB = 50V, IE = 0
100
Collector cut-off
current
RN1101F
~1106F
ICEO
VCE = 50V, IB = 0
500
nA
RN1101F
0.82
1.52
RN1102F
0.38
0.71
RN1103F
0.17
0.33
RN1104F
VEB = 10V, IC = 0
0.082
0.15
RN1105F
0.078
0.145
Emitter cut-off current
RN1106F
IEBO
VEB = 5V, IC = 0
0.074
0.138
mA
RN1101F
30
RN1102F
50
RN1103F
70
RN1104F
80
RN1105F
80
DC current gain
RN1106F
hFE
VCE = 5V, IC = 10mA
80
Collector-emitter
saturation voltage
RN1101F
~1106F
VCE (sat)
IC = 5mA, IB = 0.25mA
0.1
0.3
V
RN1101F
1.1
2.0
RN1102F
1.2
2.4
RN1103F
1.3
3.0
RN1104F
1.5
5.0
RN1105F
0.6
1.1
Input voltage (ON)
RN1106F
VI (ON)
VCE = 0.2V, IC = 5mA
0.7
1.3
V
RN1101F
~1104F
1.0
1.5
Input voltage (OFF)
RN1105F,
1106F
VI (OFF)
VCE = 5V, IC = 0.1mA
0.5
0.8
V
Transition frequency
RN1101F
~1106F
fT
VCE = 10V, IC = 5mA
250
MHz
Collector Output
capacitance
RN1101F
~1106F
Cob
VCB = 10V, IE = 0,
f = 1MHz
3
6
pF
RN1101F
3.29
4.7
6.11
RN1102F
7
10
13
RN1103F
15.4
22
28.6
RN1104F
32.9
47
61.1
RN1105F
1.54
2.2
2.86
Input resistor
RN1106F
R1
3.29
4.7
6.11
kΩ
RN1101F
~1104F
0.9
1.0
1.1
RN1105F
0.0421 0.0468 0.0515
Resistor ratio
RN1106F
R1/R2
0.09
0.1
0.11


Similar Part No. - RN1106F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN1106F TOSHIBA-RN1106F Datasheet
313Kb / 7P
   SWITCHING ,INVERTER CIRCUIT,INTERFACE CIRCUIT AND DRIVER CIRCUIT APPLICATIONS
More results

Similar Description - RN1106F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN4983 TOSHIBA-RN4983 Datasheet
152Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1701 TOSHIBA-RN1701 Datasheet
258Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1107 TOSHIBA-RN1107 Datasheet
175Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401 Datasheet
253Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN1110F TOSHIBA-RN1110F Datasheet
159Kb / 5P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN47A4 TOSHIBA-RN47A4_07 Datasheet
301Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A3 TOSHIBA-RN47A3_07 Datasheet
284Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1210 TOSHIBA-RN1210_07 Datasheet
252Kb / 4P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com