Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ME701202 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # ME701202
Description  Three-Phase Diode Bridge Modules (20 Amperes/1200-1600 Volts)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

ME701202 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  ME701202 Datasheet HTML 1Page - Powerex Power Semiconductors ME701202 Datasheet HTML 2Page - Powerex Power Semiconductors ME701202 Datasheet HTML 3Page - Powerex Power Semiconductors ME701202 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimension
Inches
Millimeters
A
3.150
80
B
2.677±0.012
68±0.3
C
1.220
31
D
1.181
30
E
1.142
29
F
0.866
22
G
0.728
18.5
H
0.512
13
J
0.492 R
R12.5
K
0.472
12
L
0.256±0.008 Dia. Dia. 6.5±0.2
M
0.118
3
N
0.079
2
Description:
Powerex Three-Phase Diode
Bridge Modules are designed for
use in three phase bridge applica-
tions. The modules are isolated
consisting of six rectifier diodes.
These ME70 Modules have been
tested and recognized by
Underwriters Laboratories
(QQQX2 Power Switching
Semiconductors).
Features:
M Isolated Mounting
M Planar Chips
M UL Recognized
Applications:
M Inverters
M DC Power Supplies
M AC Motor Control Front End
Ordering Information:
Select the complete eight digit
module part number you desire
from the table below.
Example: ME701602 is a
1600 Volt, 20 Ampere Three-
Phase Diode Bridge Module.
Voltage
Current Rating
Type
Volts (x100)
Amperes (x10)
ME70
12
02
16
D-53
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Three-Phase
Diode Bridge Modules
20 Amperes/1200-1600 Volts
ME701202
ME701602
Outline Drawing
ME701202, ME701602
Three-Phase Diode Bridge Modules
20 Amperes/1200-1600 Volts
M
D
B
A
F
J
E H
N
G
C
KKK
+
-
L - DIA.
(2 TYP.)
AC INPUT
TERMINAL
DC OUTPUT
TERMINAL
.250 TAB


Similar Part No. - ME701202

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
ME701203 POWEREX-ME701203 Datasheet
76Kb / 4P
   Three-Phase Diode Bridge Modules (30 Amperes/1200-1600 Volts)
More results

Similar Description - ME701202

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
RM20TPM-24 POWEREX-RM20TPM-24 Datasheet
59Kb / 2P
   Three-Phase Diode Bridge Modules (40 Amperes/1200-1600 Volts)
ME501210 POWEREX-ME501210 Datasheet
68Kb / 4P
   Three-Phase Diode Bridge Modules (100 Amperes/1200-1600 Volts)
ME601215 POWEREX-ME601215 Datasheet
463Kb / 4P
   Three-Phase Diode Bridge Modules (150 Amperes/1200-1600 Volts)
ME701203 POWEREX-ME701203 Datasheet
76Kb / 4P
   Three-Phase Diode Bridge Modules (30 Amperes/1200-1600 Volts)
ME501206 POWEREX-ME501206 Datasheet
67Kb / 4P
   Three-Phase Diode Bridge Modules (60 Amperes/1200-1600 Volts)
ME700802 POWEREX-ME700802 Datasheet
69Kb / 2P
   Three-Phase Diode Bridge Modules (20 Amperes/800 Volts)
RM25TN-2H POWEREX-RM25TN-2H Datasheet
34Kb / 2P
   Three-Phase Diode Bridge Module (15 Amperes/1600 Volts)
RM10TN-2H POWEREX-RM10TN-2H Datasheet
34Kb / 2P
   Three Phase Diode Bridge Module (7 Amperes/1600 Volts)
CE720802 POWEREX-CE720802 Datasheet
75Kb / 4P
   Three-Phase SCR/Diode Bridge Modules 20 Amperes/800 Volts
RM75TPM-H POWEREX-RM75TPM-H Datasheet
46Kb / 2P
   Three-Phase Diode Bridge Module (150 Amperes / 800-1600 Volts)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com