Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT6L57AE Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # MT6L57AE
Description  VHF~UHF Band Low Noise Amplifier Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MT6L57AE Datasheet(HTML) 1 Page - Toshiba Semiconductor

  MT6L57AE Datasheet HTML 1Page - Toshiba Semiconductor MT6L57AE Datasheet HTML 2Page - Toshiba Semiconductor MT6L57AE Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MT6L57AE
2007-11-01
1
TOSHIBA Transistor Silicon NPN Epitaxial Planar Type
MT6L57AE
VHF~UHF Band Low Noise Amplifier Applications
• Two devices are built in to the super-thin and extreme super mini (6
pins) package: ES6
Mounted Devices
Q1: SSM (TESM)
Q2: SSM (TESM)
Three-pins (SSM/TESM) mold
products are corresponded.
MT3S06S
(MT3S06T)
MT3S04AS
(MT3S04AT)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Q1
Q2
Unit
Collector-base voltage
VCBO
10
10
V
Collector-emitter voltage
VCEO
5
5
V
Emitter-base voltage
VEBO
1.5
2
V
Collector current
IC
15
40
mA
Base current
IB
7
10
mA
Collector power dissipation
PC
(Note 1)
100
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Total power dissipation of Q1 and Q2.
Marking
Pin Assignment (top view)
Unit: mm
JEDEC
JEITA
TOSHIBA
2-2N1C
Weight: 0.003 g (typ.)


Similar Part No. - MT6L57AE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MT6L57AE TOSHIBA-MT6L57AE Datasheet
201Kb / 2P
   MT6L57AE
More results

Similar Description - MT6L57AE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MT6L77FS TOSHIBA-MT6L77FS Datasheet
106Kb / 3P
   VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS
MT6L71FS TOSHIBA-MT6L71FS Datasheet
106Kb / 3P
   VHF~UHF Band Low-Noise Amplifier Applications
MT6L63FS TOSHIBA-MT6L63FS Datasheet
106Kb / 3P
   VHF~UHF Band Low-Noise Amplifier Applications
MT6L58AFS TOSHIBA-MT6L58AFS Datasheet
110Kb / 3P
   VHF~UHF Band Low-Noise Amplifier Applications
MT6L04AE TOSHIBA-MT6L04AE_07 Datasheet
110Kb / 3P
   VHF~UHF Band Low Noise Amplifier Applications
MT6C04AE TOSHIBA-MT6C04AE_07 Datasheet
117Kb / 3P
   VHF~UHF Band Low Noise Amplifier Applications
MT4S04A TOSHIBA-MT4S04A Datasheet
109Kb / 2P
   VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS
MT4S03A TOSHIBA-MT4S03A_07 Datasheet
107Kb / 3P
   VHF~UHF Band Low Noise Amplifier Applications
MT4S07 TOSHIBA-MT4S07_07 Datasheet
159Kb / 3P
   VHF~UHF Band Low Noise Amplifier Applications
MT3S04AFS TOSHIBA-MT3S04AFS Datasheet
148Kb / 3P
   VHF~UHF Band Low-Noise Amplifier Applications
MT6L76FS TOSHIBA-MT6L76FS Datasheet
106Kb / 3P
   VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com