Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7SG04AFS Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC7SG04AFS
Description  Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SG04AFS Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC7SG04AFS Datasheet HTML 1Page - Toshiba Semiconductor TC7SG04AFS Datasheet HTML 2Page - Toshiba Semiconductor TC7SG04AFS Datasheet HTML 3Page - Toshiba Semiconductor TC7SG04AFS Datasheet HTML 4Page - Toshiba Semiconductor TC7SG04AFS Datasheet HTML 5Page - Toshiba Semiconductor TC7SG04AFS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TC7SG04AFS
2007-11-01
2
Truth Table
IEC Logic Symbol
A
Y
L
H
H
L
Operating Ranges
Characteristics
Symbol
Value
Unit
Power supply voltage
VCC
0.9~3.6
V
Input voltage
VIN
0~5.5
V
Output voltage
VOUT
0~VCC
V
±8.0
(Note 2)
±4.0
(Note 3)
±3.0
(Note 4)
±1.7
(Note 5)
±0.3
(Note 6)
Output Current
IOH/IOL
±0.02
(Note 7)
mA
Operating temperature
Topr
−40~85
°C
Input rise and fall time
dt/dV
0~10
(Note 8)
ns/V
Note 2: VCC = 3.0~3.6 V
Note 3: VCC = 2.3~2.7 V
Note 4: VCC = 1.65~1.95 V
Note 5: VCC = 1.4~1.6 V
Note 6: VCC = 1.1~1.3 V
Note 7: VCC = 0.9 V
Note 8: VIN = 0.8~2.0 V, VCC = 3.0 V
IN A
OUT Y
1


Similar Part No. - TC7SG04AFS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SG04FE TOSHIBA-TC7SG04FE Datasheet
166Kb / 6P
   Inverter
TC7SG04FU TOSHIBA-TC7SG04FU Datasheet
170Kb / 6P
   Inverter
More results

Similar Description - TC7SG04AFS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com