Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5GWJZ47 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 5GWJZ47
Description  HIGH SPEED RECTIFIER APPLICATION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

5GWJZ47 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  5GWJZ47_06 Datasheet HTML 1Page - Toshiba Semiconductor 5GWJZ47_06 Datasheet HTML 2Page - Toshiba Semiconductor 5GWJZ47_06 Datasheet HTML 3Page - Toshiba Semiconductor 5GWJZ47_06 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5GWJZ47
2006-11-13
2
Handling Precaution
Schottky barrier diodes have reverse current characteristics compared to other diodes.
There is a possibility SBD may cause thermal runaway when it is used under high temperature or high voltage.
Please take forward and reverse loss into consideration during design.
The absolute maximum ratings denote the absolute maximum ratings, which are rated values and must not be
exceeded during operation, even for an instant. The following are the general derating methods that we recommend
when you design a circuit with a device.
VRRM: Use this rating with reference to the above. VRRM has a temperature coefficient of 0.1%/°C. Take
this temperature coefficient into account designing a device at low temperature.
IO:
We recommend that the worst case current be no greater than 80% of the absolute maximum rating
of IO and Tj be below 100°C. When using this device, take the margin into consideration by using an
allowable Tamax-IO curve.
IFSM:
This rating specifies the non-repetitive peak current. This is only applied for an abnormal operation,
which seldom occurs during the lifespan of the device.
Tj:
Derate this rating when using a device in order to ensure high reliability. We recommend that the
device be used at a Tj of below 100°C.
Please refer to the Rectifiers databook for further information.


Similar Part No. - 5GWJZ47_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
5GWJZ47 TOSHIBA-5GWJZ47 Datasheet
149Kb / 2P
   SCHOTTKY BARRIER TYPE (HIGH SPEED RECTIFIER APPLICATION)
More results

Similar Description - 5GWJZ47_06

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
1R5JU41 TAYCHIPST-1R5JU41 Datasheet
5Mb / 2P
   HIGH SPEED RECTIFIER APPLICATION
2GWJ42 TAYCHIPST-2GWJ42 Datasheet
5Mb / 2P
   HIGH SPEED RECTIFIER APPLICATION
1JU41 TAYCHIPST-1JU41 Datasheet
4Mb / 2P
   HIGH SPEED RECTIFIER APPLICATION
2FWJ43N TAYCHIPST-2FWJ43N Datasheet
5Mb / 2P
   HIGH SPEED RECTIFIER APPLICATION
1FWJ43N TAYCHIPST-1FWJ43N Datasheet
4Mb / 2P
   HIGH SPEED RECTIFIER APPLICATION
1GU42 TAYCHIPST-1GU42 Datasheet
4Mb / 2P
   HIGH SPEED RECTIFIER APPLICATION
1GWJ43 TAYCHIPST-1GWJ43 Datasheet
5Mb / 2P
   HIGH SPEED RECTIFIER APPLICATION
logo
Toshiba Semiconductor
5GWJZ47 TOSHIBA-5GWJZ47 Datasheet
149Kb / 2P
   SCHOTTKY BARRIER TYPE (HIGH SPEED RECTIFIER APPLICATION)
1SS392 TOSHIBA-1SS392_07 Datasheet
200Kb / 3P
   High Speed Switching Application
1SS388TPH3F TOSHIBA-1SS388TPH3F Datasheet
228Kb / 3P
   High Speed Switching Application
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com