Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP3213 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP3213
Description  a super small-outline photorelay, suitable for surface-mount assembly
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3213 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP3213 Datasheet HTML 1Page - Toshiba Semiconductor TLP3213 Datasheet HTML 2Page - Toshiba Semiconductor TLP3213 Datasheet HTML 3Page - Toshiba Semiconductor TLP3213 Datasheet HTML 4Page - Toshiba Semiconductor TLP3213 Datasheet HTML 5Page - Toshiba Semiconductor TLP3213 Datasheet HTML 6Page - Toshiba Semiconductor TLP3213 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TLP3213
2007-10-01
5
tON,tOFF ─ I F
tON,tOFF ─ Ta
110
100
1
3
10
100
30
1000
300
-20
0
20
40
60
80
100
0
50
100
150
200
250
Forward current I F (mA)
Ambient temperature Ta (
°C)
I OFF ─ VOFF
C OFF ─ VOFF
0
10203040
5
10
15
0
1020304050
0.2
0.4
0.6
0.8
1
Off-state output voltage VOFF (V)
Off-state output voltage VOFF (V)
Ta = 25
°C
V DD = 10 V, RL = 200 Ω
t OFF
t ON
Ta = 25
°C
V DD = 10 V, RL = 200 Ω
I F = 10 mA
Ta = 25
°C
t OFF
t ON


Similar Part No. - TLP3213

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3213 TOSHIBA-TLP3213 Datasheet
184Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
TLP3213 TOSHIBA-TLP3213_08 Datasheet
184Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
More results

Similar Description - TLP3213

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3904 TOSHIBA-TLP3904 Datasheet
241Kb / 7P
   a small outline coupler, suitable for surface mount assembly
logo
ISOCOM COMPONENTS
MOCD207 ISOCOM-MOCD207 Datasheet
63Kb / 2P
   Super Small Outline
logo
Samsung semiconductor
RC1608F332CS SAMSUNG-RC1608F332CS Datasheet
791Kb / 2P
   Suitable size and packaging for surface mount assembly
logo
Siemens Semiconductor G...
IL221A SIEMENS-IL221A Datasheet
53Kb / 3P
   PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL215A SIEMENS-IL215A Datasheet
70Kb / 3P
   PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
logo
Fairchild Semiconductor
MOC215-M FAIRCHILD-MOC215-M Datasheet
492Kb / 9P
   SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLERS
logo
Siemens Semiconductor G...
IL211AT SIEMENS-IL211AT Datasheet
44Kb / 3P
   PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL221AT SIEMENS-IL221AT Datasheet
54Kb / 3P
   PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
logo
Fairchild Semiconductor
MOC215 FAIRCHILD-MOC215 Datasheet
495Kb / 9P
   SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLERS
logo
Siemens Semiconductor G...
IL205AT SIEMENS-IL205AT Datasheet
87Kb / 3P
   PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com