Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

015AZ2.0 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 015AZ2.0
Description  Constant-Voltage Regulation Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

015AZ2.0 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  015AZ2.0_07 Datasheet HTML 1Page - Toshiba Semiconductor 015AZ2.0_07 Datasheet HTML 2Page - Toshiba Semiconductor 015AZ2.0_07 Datasheet HTML 3Page - Toshiba Semiconductor 015AZ2.0_07 Datasheet HTML 4Page - Toshiba Semiconductor 015AZ2.0_07 Datasheet HTML 5Page - Toshiba Semiconductor 015AZ2.0_07 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
015AZ2.0~015AZ24
2007-11-01
3
Electrical Characteristics (Ta = 25ºC)
Zener
Voltage
Dynamic
Impedance
Knee Dynamic
Impedance
Reverse
Current
* VZ (V)
ZZ (Ω)
ZZK (Ω)IR (μA)
Type No.
Min
Max
IZ
(mA)
Max
IZ
(mA)
Max
IZ
(mA)
Max
VR
(V)
X
7.00
7.43
Y
7.23
7.66
015AZ7.5
Z
7.46
7.90
5
23
5
120
0.5
0.5
6.0
X
7.70
8.16
Y
7.96
8.43
015AZ8.2
Z
8.23
8.70
5
20
5
120
0.5
0.5
6.5
X
8.50
9.00
Y
8.80
9.30
015AZ9.1
Z
9.10
9.60
5
18
5
120
0.5
0.5
7.0
X
9.40
9.93
Y
9.73
10.26
015AZ10
Z
10.06 10.60
5
15
5
120
0.5
0.5
8.0
X
10.40 10.98
Y
10.73 11.26
015AZ11
Z
11.06 11.60
5
15
5
120
0.5
0.5
8.5
X
11.40 11.93
Y
11.73 12.26
015AZ12
Z
12.06 12.60
5
15
5
110
0.5
0.5
9.0
X
12.40 13.08
Y
12.88 13.57
015AZ13
Z
13.37 14.10
5
15
5
110
0.5
0.5
10
X
13.80 14.63
Y
14.33 15.11
015AZ15
Z
14.81 15.60
5
15
5
110
0.5
0.5
11
X
15.30 16.10
Y
15.80 16.60
015AZ16
Z
16.30 17.10
5
18
5
150
0.5
0.5
12
X
16.80 17.76
Y
17.46 18.43
015AZ18
Z
18.13 19.10
5
20
5
150
0.5
0.5
14
X
18.80 19.78
Y
19.48 20.46
015AZ20
Z
20.16 21.20
5
25
5
200
0.5
0.5
15
X
20.80 21.88
Y
21.48 22.56
015AZ22
Z
22.16 23.30
5
30
5
200
0.5
0.5
17
X
22.80 24.11
Y
23.61 24.92
015AZ24
Z
24.42 25.60
5
40
5
200
0.5
0.5
19
*
: Test time: t = 30 ms


Similar Part No. - 015AZ2.0_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
015AZ2.0-X TOSHIBA-015AZ2.0-X Datasheet
234Kb / 5P
   Diode Silicon Epitaxial Planar Type
015AZ2.0-X TOSHIBA-015AZ2.0-X Datasheet
172Kb / 6P
   TOSHIBA Diode Silicon Epitaxial Planar Type
015AZ2.0-Z TOSHIBA-015AZ2.0-Z Datasheet
234Kb / 5P
   Diode Silicon Epitaxial Planar Type
015AZ2.0-Z TOSHIBA-015AZ2.0-Z Datasheet
172Kb / 6P
   TOSHIBA Diode Silicon Epitaxial Planar Type
015AZ2.0X TOSHIBA-015AZ2.0X Datasheet
234Kb / 5P
   Diode Silicon Epitaxial Planar Type
More results

Similar Description - 015AZ2.0_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
02DZ20-X TOSHIBA-02DZ20-X Datasheet
484Kb / 8P
   Constant Voltage Regulation Applications Reference Voltage Applications
02DZ2 TOSHIBA-02DZ2 Datasheet
262Kb / 6P
   DIODE(CONSTANT VOLTAGE REGULATION APPLICATIONS.)
015Z2 TOSHIBA-015Z2 Datasheet
233Kb / 5P
   DIODE (CONSTANT VOLTAGE REGULATION APPLICATIONS)
02CZ2 TOSHIBA-02CZ2 Datasheet
413Kb / 7P
   DIODE (CONSTANT VOLTAGE REGULATION APPLICATIONS. REFERENCE VOLTAGE APPLICATIONS.)
logo
Shenzhen Taychipst Elec...
1AZ270 TAYCHIPST-1AZ270 Datasheet
4Mb / 2P
   CONSTANT VOLTAGE REGULATION
1Z62 TAYCHIPST-1Z62 Datasheet
4Mb / 2P
   CONSTANT VOLTAGE REGULATION
logo
Toshiba Semiconductor
1ZB6 TOSHIBA-1ZB6 Datasheet
207Kb / 4P
   DIODE (CONSTANT VOLTAGE REGULATION)
1ZC12A TOSHIBA-1ZC12A Datasheet
150Kb / 3P
   DIODE (CONSTANT VOLTAGE REGULATION)
1ZC12 TOSHIBA-1ZC12 Datasheet
134Kb / 3P
   DIODE (CONSTANT VOLTAGE REGULATION)
1Z390 TOSHIBA-1Z390 Datasheet
218Kb / 4P
   DIODE (CONSTANT VOLTAGE REGULATION)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com