Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF522C Datasheet(PDF) 3 Page - Analog Devices

Part # ADSP-BF522C
Description  Embedded Processor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF522C Datasheet(HTML) 3 Page - Analog Devices

  ADSP-BF522C Datasheet HTML 1Page - Analog Devices ADSP-BF522C Datasheet HTML 2Page - Analog Devices ADSP-BF522C Datasheet HTML 3Page - Analog Devices ADSP-BF522C Datasheet HTML 4Page - Analog Devices ADSP-BF522C Datasheet HTML 5Page - Analog Devices ADSP-BF522C Datasheet HTML 6Page - Analog Devices ADSP-BF522C Datasheet HTML 7Page - Analog Devices ADSP-BF522C Datasheet HTML 8Page - Analog Devices ADSP-BF522C Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADSP-BF522C/ADSP-BF525C/ADSP-BF527C
Preliminary Technical Data
Rev. PrB
|
Page 3 of 12
|
June 2007
GENERAL DESCRIPTION
This document describes the differences between the ADSP-
BF522C/ADSP-BF525C/ADSP-BF527C and the ADSP-
BF522/ADSP-BF525/ADSP-BF527 standard product. Please
refer to the published ADSP-BF522/ADSP-BF525/ADSP-BF527
Revision PrC datasheet for general description and specifica-
tions. This document only describes the exceptions to that
datasheet.
The ADSP-BF522C/ADSP-BF525C/ADSP-BF527C adds a ste-
reo CODEC to the standard product and changes the package
labeling.
STEREO CODEC
The CODEC in the ADSP-BF522C/ADSP-BF525C/ADSP-
BF527C is a low power, high quality stereo audio CODEC for
portable digital audio application. It features two 24-bit A/D
converter channels and two 24-bit D/A converter channels.
In normal mode, the XMI/MCLK oscillator is set up according
to the desired sample rates of the ADC and DAC. For ADC or
DAC sampling rates of 8 kHz, 32 kHz, 48 kHz or 96 kHz, MCLK
frequencies of either 12.288 MHz (256 × FS) or 18.432 MHz
(384 × FS) can be used. For ADC or DAC sampling rates of
8 kHz, 44.1 kHz or 88.2 kHz, MCLK frequencies of either
11.2896 MHz (256 × FS) or 16.9344 MHz (384 × FS) can be
used.
In USB mode, the XTI/MCLK frequency is only 12MHz allow-
ing for ADC and DAC sampling rates of 8 kHz, 44.1 kHz or 88.2
kHz.
The CODEC can operate with power supplies as low as 1.8 V for
the analog part and 1.8 V for digital port. The maximum voltage
is 3.6 V for all power supplies.
The device is controlled by a 2- or 3-wire serial interface which
provides access to all features including volume controls, mutes
and extensive power management facilities.
Figure 2. Audio CODEC Block Diagram
MUX
ADC
DAC
MUX
ADC
DAC
RLINEIN
MICBIAS
MICIN
LLINEIN
ATTENUATOR
ATTENUATOR
ATTENUATOR
ATTENUATOR
+
+
DIGITAL
FILTERS
RHPOUT
ROUT
LOUT
LHPOUT
CLK
DIGITAL AUDIO INTERFACE
CONTROL INTERFACE
XTI/MCLK XTO CCLKOUT DACDAT ADCDAT BCLK
DACLRC
ADCLRC
CMODE
CSB CSDA CSCL


Similar Part No. - ADSP-BF522C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF522C AD-ADSP-BF522C_15 Datasheet
1Mb / 36P
   Blackfin Embedded Processor with Codec
REV. A
More results

Similar Description - ADSP-BF522C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
   Embedded Processor
Rev. PrE
ADSP-BF542 AD-ADSP-BF542_1 Datasheet
3Mb / 100P
   Embedded Processor
Rev. C
ADSP-21266 AD-ADSP-21266_07 Datasheet
894Kb / 44P
   Embedded Processor
REV. C
ADSP-TS101S AD-ADSP-TS101S Datasheet
827Kb / 44P
   Embedded Processor
REV. A
ADSP-21262 AD-ADSP-21262_05 Datasheet
1Mb / 48P
   Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-2101BS-100 AD-ADSP-2101BS-100 Datasheet
667Kb / 48P
   TigerSHARC Embedded Processor
REV. B
logo
List of Unclassifed Man...
PICASO ETC2-PICASO Datasheet
8Mb / 24P
   Embedded Graphics Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com