Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSPBF527KBCZENGC1 Datasheet(PDF) 5 Page - Analog Devices

Part # ADSPBF527KBCZENGC1
Description  Embedded Processor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSPBF527KBCZENGC1 Datasheet(HTML) 5 Page - Analog Devices

  ADSPBF527KBCZENGC1 Datasheet HTML 1Page - Analog Devices ADSPBF527KBCZENGC1 Datasheet HTML 2Page - Analog Devices ADSPBF527KBCZENGC1 Datasheet HTML 3Page - Analog Devices ADSPBF527KBCZENGC1 Datasheet HTML 4Page - Analog Devices ADSPBF527KBCZENGC1 Datasheet HTML 5Page - Analog Devices ADSPBF527KBCZENGC1 Datasheet HTML 6Page - Analog Devices ADSPBF527KBCZENGC1 Datasheet HTML 7Page - Analog Devices ADSPBF527KBCZENGC1 Datasheet HTML 8Page - Analog Devices ADSPBF527KBCZENGC1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADSP-BF522C/ADSP-BF525C/ADSP-BF527C
Preliminary Technical Data
Rev. PrB
|
Page 5 of 12
|
June 2007
SPECIFICATIONS
Component specifications are subject to change
without notice.
OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
Parameter
Conditions
Min
Typical
Max
Unit
CVDD
Digital Core VDD
1.8
3.6
V
AVDD
Analog VDD
1.8
3.6
V
HPVDD
Headphone VDD (Analog)
1.8
3.6
V
VILC
CODEC Low Level Input Voltage
1
1 Parameter value applies to digital signal pins (ADCDAT, ADCLRC, BCLK, CSB, CCLKOUT, CMODE, DACDAT, DACLRC, CSCL, CSDA, XTI/MCLK, XTO).
0.3 × CVDD
V
VIHC
CODEC High Level Input Voltage
1
0.7 × CVDD
V
VOLC
CODEC Low Level Output Voltage
1
0.1 × CVDD
V
VOHC
CODEC Low Level Output Voltage
1
0.9 × CVDD
V
TJ
Junction Temperature
289-Ball Chip Scale Ball Grid Array (Mini-BGA)
@ T
AMBIENT = 0°C to + 70°C
0+105
°C
Parameter
Conditions
Min
Typical
Max
Unit
Line Input to ADC
SNR
Signal to Noise Ratio
A-weighted, 0 dB Gain @ FS = 48 kHz
tbd
85
dB
SNR
Signal to Noise Ratio
A-weighted, 0 dB Gain @ FS = 96 kHz
85
dB
DR
Dynamic Range
A-weighted, –60 dB Full Scale Input
tbd
88
dB
THD
Total Harmonic Distortion –1 dB Input, 0 dB Gain
–76
tbd
dB
Microphone Input to ADC
0 dB Gain, FS = 48 kHz, 40 k
Ω Source Impedance
SNR
Signal to Noise Ratio
A-weighted, 0 dB Gain
80
dB
DR
Dynamic Range
A-weighted, –60 dB Full Scale Input
70
dB
THD
Total Harmonic Distortion 0 dB Input, 0 dB Gain
–55
dB
Line Output for DAC Playback Only Load = 10 k
Ω, 50 pF
SNR
Signal to Noise Ratio
A-weighted, 0 dB Gain @ FS = 48 kHz
tbd
95
dB
SNR
Signal to Noise Ratio
A-weighted, 0 dB Gain @ FS = 96 kHz
93
dB
DR
Dynamic Range
A-weighted, –60 dB Full Scale Input
tbd
90
dB
THD
Total Harmonic Distortion 1 kHz, 0 dB
–80
tbd
dB
THD
Total Harmonic Distortion 1 kHz, –3 dB
–90
dB
Analog Line Input to Line Output
Load = 10 k
Ω, 50 pF, No Gain on Input, Bypass Mode
SNR
Signal to Noise Ratio
tbd
90
dB
THD
Total Harmonic Distortion 1 kHz, 0 dB
–83
tbd
dB
THD
Total Harmonic Distortion 1 kHz, –3 dB
–92
dB
Stereo Headphone Output
PO
Maximum Output Power RL = 32
Ω
9mW
PO
Maximum Output Power RL = 16
Ω
18
mW
SNR
Signal to Noise Ratio
A-weighted
tbd
95
dB
THD
Total Harmonic Distortion 1 kHz, –5 dB, RL = 32
Ω, Full Scale Input
–62
tbd
dB
THD
Total Harmonic Distortion 1 kHz,–2 dB, RL = 32
Ω, Full Scale Input
tbd
dB
Microphone Input to Headphone Output Side Tone Mode
SNR
Signal to Noise Ratio
tbd
90
dB


Similar Part No. - ADSPBF527KBCZENGC1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSPBF506FBSWZENG AD-ADSPBF506FBSWZENG Datasheet
1Mb / 75P
   ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
More results

Similar Description - ADSPBF527KBCZENGC1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
   Embedded Processor
Rev. PrE
ADSP-BF542 AD-ADSP-BF542_1 Datasheet
3Mb / 100P
   Embedded Processor
Rev. C
ADSP-21266 AD-ADSP-21266_07 Datasheet
894Kb / 44P
   Embedded Processor
REV. C
ADSP-TS101S AD-ADSP-TS101S Datasheet
827Kb / 44P
   Embedded Processor
REV. A
ADSP-21262 AD-ADSP-21262_05 Datasheet
1Mb / 48P
   Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-2101BS-100 AD-ADSP-2101BS-100 Datasheet
667Kb / 48P
   TigerSHARC Embedded Processor
REV. B
logo
List of Unclassifed Man...
PICASO ETC2-PICASO Datasheet
8Mb / 24P
   Embedded Graphics Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com