Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT88SC3216CRF-L01B Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT88SC3216CRF-L01B
Description  13.56 MHz CryptoRF EEPROM Memory 32 Kbits
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC3216CRF-L01B Datasheet(HTML) 6 Page - ATMEL Corporation

  AT88SC3216CRF-L01B Datasheet HTML 1Page - ATMEL Corporation AT88SC3216CRF-L01B Datasheet HTML 2Page - ATMEL Corporation AT88SC3216CRF-L01B Datasheet HTML 3Page - ATMEL Corporation AT88SC3216CRF-L01B Datasheet HTML 4Page - ATMEL Corporation AT88SC3216CRF-L01B Datasheet HTML 5Page - ATMEL Corporation AT88SC3216CRF-L01B Datasheet HTML 6Page - ATMEL Corporation AT88SC3216CRF-L01B Datasheet HTML 7Page - ATMEL Corporation AT88SC3216CRF-L01B Datasheet HTML 8Page - ATMEL Corporation AT88SC3216CRF-L01B Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
AT88SC3216CRF
5005CS–CRRF–12/06
Security Operations
Antitearing
In the event of a power loss during a write cycle, the integrity of the device’s stored data
may be recovered. This function is optional: the host may choose to activate the
antitearing function depending on application requirements. When antitearing is active,
write commands take longer to execute since more write cycles are required to
complete them. Data writes are limited to 8-byte pages when antitearing is active.
Data is written first to a buffer zone in EEPROM instead of to the intended destination
address, but with the same access conditions. The data is then written to the required
location. If this second write cycle is interrupted due to a power loss, the device will
automatically recover the data from the buffer zone at the next power-up.
Password Verification
Passwords may be used to protect user zone read and/or write access. When a
password is presented using the Check Password command, it is memorized and active
until power is removed unless a new password is presented or a valid DESELECT or
IDLE command is received. Only one password is active at a time, but write passwords
also give read access.
Authentication Protocol
The access to a user zone may be protected by an authentication protocol in addition to
password dependent rights. Passwords are encrypted in authorization mode.
The authentication success is memorized and active as long as the chip is powered,
unless a new authentication is initialized or a valid DESELECT or IDLE command is
received. If the new authentication request is not validated, the card loses its previous
authentication and it must be presented again. Only the last request is memorized.
Encryption
The data exchanged between the card and the reader during Read, Write, and Check
Password commands may be encrypted to ensure data confidentiality.
The issuer may choose to protect the access to a user zone with an encryption key by
settings made in the configuration memory. In that case, activation of the encryption
mode is required in order to read/write data in the zone.
The encryption activation success is memorized and active as long as the chip is
powered, unless a new initialization is initiated or a valid DESELECT or IDLE command
is received. If the new encryption activation request is not validated, the card will no
longer encrypt data during read operations nor will it decrypt data received during write
or Check Password operations.
Checksum
The PICC implements a data validity check function in the form of a checksum. The
checksum may function in standard or cryptographic mode. In the standard mode, the
checksum is optional and may be used for transmission error detection. The
cryptographic mode is more powerful since it provides data origin authentication
capability in the form of a Message Authentication Code (MAC). To write data to the
device, the host is required to compute a valid MAC and provide it to the device. If after
an ingoing command the device computes a MAC different from the MAC transmitted by
the host, not only is the command abandoned but the cryptographic mode is also reset.
A new authentication is required to reactivate the cryptographic mode.
Initial Device
Programming
CryptoRF is delivered with all security features disabled. To program the polling
response or enable the security features of CryptoRF the device must be personalized
by programming several registers. This is accomplished by programming the
configuration memory using simple write and read commands.


Similar Part No. - AT88SC3216CRF-L01B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC3216CRF-MR1 ATMEL-AT88SC3216CRF-MR1 Datasheet
260Kb / 9P
   13.56 MHz CryptoRF짰 EEPROM Memory 32 Kbits
AT88SC3216CRF-MR1 ATMEL-AT88SC3216CRF-MR1 Datasheet
896Kb / 158P
   CryptoRF Specification
AT88SC3216CRF-MX1 ATMEL-AT88SC3216CRF-MX1 Datasheet
896Kb / 158P
   CryptoRF Specification
AT88SC3216CRF-MY1 ATMEL-AT88SC3216CRF-MY1 Datasheet
896Kb / 158P
   CryptoRF Specification
AT88SC3216CRF-WA1 ATMEL-AT88SC3216CRF-WA1 Datasheet
260Kb / 9P
   13.56 MHz CryptoRF짰 EEPROM Memory 32 Kbits
More results

Similar Description - AT88SC3216CRF-L01B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC1616CRF ATMEL-AT88SC1616CRF Datasheet
303Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 16 Kbits
AT88RF04C ATMEL-AT88RF04C Datasheet
271Kb / 11P
   13.56 MHz CryptoRF EEPROM Memory 4 Kbits
AT88SC0204CRF ATMEL-AT88SC0204CRF Datasheet
304Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 2 Kbits
AT88SC6416CRF ATMEL-AT88SC6416CRF_06 Datasheet
304Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 64 Kbits
AT88SC0104CRF ATMEL-AT88SC0104CRF_06 Datasheet
305Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 1 Kbits
AT88SC0404CRF ATMEL-AT88SC0404CRF Datasheet
248Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 4 Kbits
AT88SC3216CRF ATMEL-AT88SC3216CRF_09 Datasheet
260Kb / 9P
   13.56 MHz CryptoRF짰 EEPROM Memory 32 Kbits
AT88SC0808CRF ATMEL-AT88SC0808CRF Datasheet
102Kb / 9P
   CryptoRF EEPROM Memory 8 Kbits
AT88SC6416CRF ATMEL-AT88SC6416CRF Datasheet
138Kb / 9P
   CryptoRF EEPROM Memory 64 Kbits
AT88SC0808CRF ATMEL-AT88SC0808CRF_06 Datasheet
305Kb / 9P
   CryptoRF EEPROM Memory 8 Kbits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com