Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2K-C25MF2 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E2K-C25MF2
Description  Long-distance capacitive proximity sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2K-C25MF2 Datasheet(HTML) 3 Page - Omron Electronics LLC

  E2K-C25MF2 Datasheet HTML 1Page - Omron Electronics LLC E2K-C25MF2 Datasheet HTML 2Page - Omron Electronics LLC E2K-C25MF2 Datasheet HTML 3Page - Omron Electronics LLC E2K-C25MF2 Datasheet HTML 4Page - Omron Electronics LLC E2K-C25MF2 Datasheet HTML 5Page - Omron Electronics LLC E2K-C25MF2 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
E-76
Proximity Sensors
Characteristic data (typical)
Sensing Distance Change by Sensing Object (Typical)
Output Circuit Diagram
DC 3-wire Models
Operating
status
Model
Timing chart
Output circuit
NO
E2K-C25ME1
NC
E2K-C25ME2
NO
E2K-C25MF1
NC
E2K-C25MF2
25
20
15
10
5
0
Yes
No
Operates
Releases
H
L
ON
OFF
Load
(between brown and black)
Output voltage
(between black and blue)
Operation indicator (red)
Sensing object
Main
circuit
Load
Brown
Brack *1
Output *2
Blue
4.4k
W
+V
0V
Tr
* 1. 200 mA max. (load current)
* 2. When a transistor is connected
Yes
No
Operates
Releases
H
L
ON
OFF
Load
(between brown and black)
Output voltage
(between black and blue)
Operation indicator (red)
Sensing object
Yes
No
Operates
Releases
H
L
ON
OFF
Load
(between brown and black)
Output voltage
(between black and blue)
Operation indicator (red)
Sensing object
Brown
+V
Tr
Black
*2
*1
2.2
W
4.7k
W
Blue
0V
Output
Main
circuit
100
W
Load
* 1. Maximum load current: 200 mA
* 2. Current flows in this direction
if the circuit incorporates the transistor.
Yes
No
Operates
Releases
H
L
ON
OFF
Load
(between brown and black)
Output voltage
(between black and blue)
Operation indicator (red)
Sensing object


Similar Part No. - E2K-C25MF2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2K-C25MF2 OMRON-E2K-C25MF2 Datasheet
389Kb / 6P
   Long-distance Capacitive Proximity Sensor
E2K-C25MF2 OMRON-E2K-C25MF2 Datasheet
279Kb / 8P
   Adjustable Capacitive Prox
E2K-C25MF2 OMRON-E2K-C25MF2 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
E2K-C25MF22M OMRON-E2K-C25MF22M Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
More results

Similar Description - E2K-C25MF2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2K-C25ME1 OMRON-E2K-C25ME1 Datasheet
389Kb / 6P
   Long-distance Capacitive Proximity Sensor
logo
List of Unclassifed Man...
PRD18-7DN ETC2-PRD18-7DN Datasheet
188Kb / 5P
   Long sensing distance proximity sensor
logo
Omron Electronics LLC
E2KC25ME18 OMRON-E2KC25ME18 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
E2K-C25MF1 OMRON-E2K-C25MF1 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
logo
FOTEK CONTROLS CO., LTD...
CP08-06N FOTEK-CP08-06N Datasheet
337Kb / 2P
   Capacitive proximity sensor
logo
Texas Instruments
OPT3101 TI1-OPT3101 Datasheet
2Mb / 111P
[Old version datasheet]   ToF based Long Range Proximity and Distance Sensor AFE
OPT3101 TI1-OPT3101_18 Datasheet
2Mb / 120P
[Old version datasheet]   ToF-Based Long-Range Proximity and Distance Sensor AFE
logo
Omron Electronics LLC
E2KC25MY1 OMRON-E2KC25MY1 Datasheet
373Kb / 18P
   Adjustable Long-distance Sensor
logo
Freescale Semiconductor...
MPR083 FREESCALE-MPR083_08 Datasheet
367Kb / 35P
   Proximity Capacitive Touch Sensor Controller
MPR03X FREESCALE-MPR03X_09 Datasheet
308Kb / 32P
   Proximity Capacitive Touch Sensor Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com