Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMC01 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # CMC01
Description  SILICON DIFFUSED TYPE For Strobe Discharge Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMC01 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  CMC01_06 Datasheet HTML 1Page - Toshiba Semiconductor CMC01_06 Datasheet HTML 2Page - Toshiba Semiconductor CMC01_06 Datasheet HTML 3Page - Toshiba Semiconductor CMC01_06 Datasheet HTML 4Page - Toshiba Semiconductor CMC01_06 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CMC01
2006-11-06
4
0
10
20
30
40
50
1
10
100
0
20
40
60
80
100
120
140
160
0.00.20.40.60.81.01.2
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Ta max – IF (AV)
iF – vF
Instantaneous forward voltage vF
(V)
Tj = 150°C
75°C
25°C
PF (AV) – IF (AV)
Average forward current IF (AV) (A)
Halfsine waveform
180°
Conduction angle 180°
Pulse test
Average forward current IF (AV) (A)
Surge forward current (non-repetitive)
Number of cycles
rth (j-a) – t
Time t (s)
Halfsine waveform
180°
Conduction angle 180°
Device mounted on a glass-epoxy board
Soldering land: 6 mm
× 6 mm
Device mounted on a glass-epoxy board
Soldering land: 2.1 mm
× 1.4 mm
Ta=25°C
f=50Hz
Device mounted on a ceramic board
Soldering land: 2 mm
× 2 mm
Device mounted on a glass-epoxy board
Soldering land: 2.1 mm
× 1.4 mm
Device mounted on a glass-epoxy board
Soldering land: 6 mm
× 6 mm


Similar Part No. - CMC01_06

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMC01G CML-CMC01G Datasheet
43Kb / 2P
   T-1 StatusPak Circuit Board Indicators
CMC01H CML-CMC01H Datasheet
43Kb / 2P
   T-1 StatusPak Circuit Board Indicators
CMC01R CML-CMC01R Datasheet
43Kb / 2P
   T-1 StatusPak Circuit Board Indicators
CMC01S CML-CMC01S Datasheet
43Kb / 2P
   T-1 StatusPak Circuit Board Indicators
CMC01Y CML-CMC01Y Datasheet
43Kb / 2P
   T-1 StatusPak Circuit Board Indicators
More results

Similar Description - CMC01_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMC02 TOSHIBA-CMC02 Datasheet
257Kb / 5P
   For Strobe Discharge Circuit
1ZM27 TOSHIBA-1ZM27 Datasheet
134Kb / 2P
   Silicon Diffused Type
logo
Kersemi Electronic Co.,...
SF10GZ47 KERSEMI-SF10GZ47 Datasheet
912Kb / 5P
   Thyristor silicon diffused type
logo
Toshiba Semiconductor
TTB001 TOSHIBA-TTB001 Datasheet
203Kb / 5P
   Silicon PNP Diffused Type
logo
Shenzhen Taychipst Elec...
463232 TAYCHIPST-463232 Datasheet
1Mb / 2P
   RECTIFIER SILICON DIFFUSED TYPE
U05NH44 TAYCHIPST-U05NH44 Datasheet
1Mb / 2P
   RECTIFIER SILICON DIFFUSED TYPE
logo
Kersemi Electronic Co.,...
SF3GZ47 KERSEMI-SF3GZ47 Datasheet
909Kb / 5P
   THYRISTOR SILICON DIFFUSED TYPE
logo
Toshiba Semiconductor
2SA490 TOSHIBA-2SA490 Datasheet
87Kb / 2P
   SILICON PNP TRIPLE DIFFUSED TYPE
U10LC48 TOSHIBA-U10LC48 Datasheet
190Kb / 4P
   TOSHIBA RECTIFIER SILICON DIFFUSED TYPE
S5688N TOSHIBA-S5688N Datasheet
96Kb / 3P
   TOSHIBA Rectifier Silicon Diffused Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com