Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ND430821 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # ND430821
Description  POW-R-BLOK Dual SCR Isolated Module (210 Amperes / Up to 2000 Volts)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

ND430821 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  ND430821 Datasheet HTML 1Page - Powerex Power Semiconductors ND430821 Datasheet HTML 2Page - Powerex Power Semiconductors ND430821 Datasheet HTML 3Page - Powerex Power Semiconductors ND430821 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual SCR Isolated Module
210 Amperes / Up to 2000 Volts
Revision Date: 11/1/2001
ND43__21
CONNECTION DIAGRAM
A
K2
G2
G1
K1
K
AK
SCR 1
SCR 2
M
K
G
A
B
N
R
V
T - M8 THD. (3 TYP.)
U - DIA. (4 TYP.)
OUTLINE DRAWING
A
K
AK
J
C
S
P
Q
F
H
W
L
D E
G2
K2
W
G1
K1
ND43 Outline Dimensions
Dimension
Inches
Millimeters
A
4.57
116
B
3.66
93
C
3.15
80.0
D
2.17
55.1
E
2.06
52.3
F
2.07
52.0
G
1.97
50.0
H
1.90
48.3
J
1.50
38.1
K
1.38
35.0
L
1.35
34.3
M
1.122
28.5
N
.71
18.0
P
.57
14.5
Q
.625
15.9
R
.394
10.00
S
.350
8.9
T
M8 Metric
M8
U
.22 Dia.
5.6 Dia.
V
.110 x .032
2.8 x 0.8
W
.12
3.0
Note: Dimensions are for reference only.
ND43__21
Dual SCR Isolated
POW-R-BLOK
TM
Module
210 Amperes / Up to 2000 Volts
Ordering Information
:
Select the complete eight digit
module part number from the table
below.
Example: ND432021 is a 2000Volt,
210 Ampere Dual SCR Isolated
POW-R-BLOK
TM Module
Type
Voltage
Volts
(x100)
Current
Amperes
(x 10)
ND43
08
10
12
14
16
18
20
21
Description:
Powerex Dual SCR Modules are
designed for use in applications
requiring phase control and isolated
packaging. The modules are isolated
for easy mounting with other
components on a common heatsink.
POW-R-BLOK
TM has been tested and
recognized by the Underwriters
Laboratories.
Features:
T Electrically Isolated Heatsinking
T Aluminum Nitride Insulator
T Compression Bonded Elements
T Metal Baseplate
T Low Thermal Impedance
for Improved Current Capability
T Quick Connect Gate Terminal
with Provision for Keyed Mating
Plug
T UL Recognized
Benefits:
T No Additional Insulation
Components Required
T Easy Installation
T No Clamping Components
Required
T Reduce Engineering Time
Applications:
T Bridge Circuits
T AC & DC Motor Drives
T Battery Supplies
T Power Supplies
T Large IGBT Circuit Front Ends


Similar Part No. - ND430821

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
ND430821 POWEREX-ND430821 Datasheet
140Kb / 4P
   Dual SCR Isolated Module
ND430821 POWEREX-ND430821_12 Datasheet
140Kb / 4P
   Dual SCR Isolated Module
More results

Similar Description - ND430821

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
ND432025 POWEREX-ND432025 Datasheet
101Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module (250 Amperes / 2000 Volts)
CD4390A POWEREX-CD4390A Datasheet
101Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1600 Volts
LD4350 POWEREX-LD4350 Datasheet
103Kb / 5P
   POW-R-BLOK Dual SCR Isolated Module (500 Amperes / Up to 1600 Volts)
CD4340 POWEREX-CD4340 Datasheet
102Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 40 Amperes / Up to 1600 Volts
ND4325 POWEREX-ND4325 Datasheet
107Kb / 5P
   POW-R-BLOK Dual SCR Isolated Module (250 Amperes / Up to 1600 Volts)
CD4360 POWEREX-CD4360 Datasheet
102Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 60 Amperes / Up to 1600 Volts
CD43_90B POWEREX-CD43_90B Datasheet
308Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes Up to 1800 Volts
ND4126 POWEREX-ND4126 Datasheet
96Kb / 4P
   POW-R-BLOK Dual Diode Isolated Module (260 Amperes / Up to 2000 Volts)
CD4340A POWEREX-CD4340A Datasheet
100Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 40 Amperes / Up to 1600 Volts
CD4360A POWEREX-CD4360A Datasheet
100Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 60 Amperes / Up to 1600 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com