Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11G3M Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # H11G3M
Description  High Voltage Photodarlington Optocouplers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11G3M Datasheet(HTML) 6 Page - Fairchild Semiconductor

  H11G3M Datasheet HTML 1Page - Fairchild Semiconductor H11G3M Datasheet HTML 2Page - Fairchild Semiconductor H11G3M Datasheet HTML 3Page - Fairchild Semiconductor H11G3M Datasheet HTML 4Page - Fairchild Semiconductor H11G3M Datasheet HTML 5Page - Fairchild Semiconductor H11G3M Datasheet HTML 6Page - Fairchild Semiconductor H11G3M Datasheet HTML 7Page - Fairchild Semiconductor H11G3M Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
©2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
H11GXM Rev. 1.0.0
6
Ordering Information
Marking Information
Option
Order Entry Identifier
(Example)
Description
No option
H11G1M
Standard Through Hole Device
S
H11G1SM
Surface Mount Lead Bend
SR2
H11G1SR2M
Surface Mount; Tape and Reel
T
H11G1TM
0.4" Lead Spacing
V
H11G1VM
VDE 0884
TV
H11G1TVM
VDE 0884, 0.4" Lead Spacing
SV
H11G1SVM
VDE 0884, Surface Mount
SR2V
H11G1SR2VM
VDE 0884, Surface Mount, Tape and Reel
H11G1
V
X YY Q
1
2
6
4
3
5
Definitions
1Fairchild logo
2Device number
3
VDE mark (Note: Only appears on parts ordered with VDE
option – See order entry table)
4
One digit year code, e.g., ‘7’
5Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code


Similar Part No. - H11G3M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11G3M FAIRCHILD-H11G3M Datasheet
248Kb / 9P
   High Voltage Photodarlington Optocouplers
H11G3M FAIRCHILD-H11G3M Datasheet
248Kb / 9P
   High Voltage Photodarlington Optocouplers
More results

Similar Description - H11G3M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCA11G1 ETC1-MCA11G1 Datasheet
139Kb / 4P
   HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
H11G1 FAIRCHILD-H11G1 Datasheet
402Kb / 7P
   HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
H11G2SM FAIRCHILD-H11G2SM Datasheet
248Kb / 9P
   High Voltage Photodarlington Optocouplers
H11G2SR2M FAIRCHILD-H11G2SR2M Datasheet
248Kb / 9P
   High Voltage Photodarlington Optocouplers
H11B1S FAIRCHILD-H11B1S Datasheet
164Kb / 8P
   PHOTODARLINGTON OPTOCOUPLERS
CNX48U FAIRCHILD-CNX48U Datasheet
158Kb / 8P
   PHOTODARLINGTON OPTOCOUPLERS
logo
QT Optoelectronics
CNX48U QT-CNX48U Datasheet
140Kb / 7P
   PHOTODARLINGTON OPTOCOUPLERS
logo
ON Semiconductor
H11G1M ONSEMI-H11G1M Datasheet
397Kb / 10P
   6-Pin DIP High Voltage Photodarlington Optocouplers
July, 2020 ??Rev. 2
logo
QT Optoelectronics
MOC8030 QT-MOC8030 Datasheet
53Kb / 4P
   PHOTODARLINGTON OPTOCOUPLERS Preliminary
H11B815 QT-H11B815 Datasheet
53Kb / 4P
   4-PIN PHOTODARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com